Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMST3906 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMST3906
Description  40 V, 200 mA PNP switching transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMST3906 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMST3906 Datasheet HTML 1Page - NXP Semiconductors PMST3906 Datasheet HTML 2Page - NXP Semiconductors PMST3906 Datasheet HTML 3Page - NXP Semiconductors PMST3906 Datasheet HTML 4Page - NXP Semiconductors PMST3906 Datasheet HTML 5Page - NXP Semiconductors PMST3906 Datasheet HTML 6Page - NXP Semiconductors PMST3906 Datasheet HTML 7Page - NXP Semiconductors PMST3906 Datasheet HTML 8Page - NXP Semiconductors PMST3906 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PMST3906_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 29 April 2009
2 of 10
NXP Semiconductors
PMST3906
40 V, 200 mA PNP switching transistor
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMST3906
SC-70
plastic surface-mounted package; 3 leads
SOT323
Table 4.
Marking codes
Type number
Marking code[1]
PMST3906
*2A
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
−40
V
VCEO
collector-emitter voltage
open base
-
−40
V
VEBO
emitter-base voltage
open collector
-
−6V
IC
collector current
-
−200
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
−200
mA
IBM
peak base current
single pulse;
tp ≤ 1ms
-
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
200
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] -
-
625
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com