Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4521 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments THS4521 Datasheet HTML 12Page - Texas Instruments THS4521 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
TERMINAL FUNCTIONS: THS4524
TSSOP-38
PIN NO.
NAME
DESCRIPTION
Power down 1. PD = logic low puts channel into low-power mode. PD = logic high or open for
1
PD 1
normal operation.
2
VIN1+
Noninverting amplifier 1 input
3
VIN1–
Inverting amplifier 1 input
4
VOCM1
Common-mode voltage input 1
5
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
Power down 2. PD = logic low puts channel into low-power mode. PD = logic high or open for
6
PD 2
normal operation.
7
VIN2+
Noninverting amplifier 2 input
8
VIN2–
Inverting amplifier 2 input
9
VOCM2
Common-mode voltage input 2
10
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
Power down 3. PD = logic low puts channel into low-power mode. PD = logic high or open for
11
PD 3
normal operation.
12
VIN3+
Noninverting amplifier 3 input
13
VIN3–
Inverting amplifier 3 input
14
VOCM3
Common-mode voltage input 3
15
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
Power down 4. PD = logic low puts channel into low-power mode. PD = logic high or open for
16
PD 4
normal operation.
17
VIN4+
Noninverting amplifier 4 input
18
VIN4–
Inverting amplifier 4 input
19
VOCM4
Common-mode voltage input 4
20
VS4+
Amplifier 4 positive power-supply input
21
VOUT4+
Noninverting amplifier 4 output
22
VOUT4–
Inverting amplifier 4 output
23
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
24
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
25
VS3+
Amplifier 3 positive power-supply input
26
VOUT3+
Noninverting amplifier3 output
27
VOUT3–
Inverting amplifier3 output
28
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
29
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
30
VS2+
Amplifier 2 positive power-supply input
31
VOUT2+
Noninverting amplifier 2 output
32
VOUT2–
Inverting amplifier 2 output
33
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
34
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
35
VS1+
Amplifier 1 positive power-supply input
36
VOUT1+
Noninverting amplifier 1 output
37
VOUT1–
Inverting amplifier 1 output
38
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com