Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRLL5819 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PRLL5819
Description  Schottky barrier diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRLL5819 Datasheet(HTML) 3 Page - NXP Semiconductors

  PRLL5819 Datasheet HTML 1Page - NXP Semiconductors PRLL5819 Datasheet HTML 2Page - NXP Semiconductors PRLL5819 Datasheet HTML 3Page - NXP Semiconductors PRLL5819 Datasheet HTML 4Page - NXP Semiconductors PRLL5819 Datasheet HTML 5Page - NXP Semiconductors PRLL5819 Datasheet HTML 6Page - NXP Semiconductors PRLL5819 Datasheet HTML 7Page - NXP Semiconductors PRLL5819 Datasheet HTML 8Page - NXP Semiconductors PRLL5819 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1999 Apr 22
3
NXP Semiconductors
Product data sheet
Schottky barrier diodes
PRLL5817; PRLL5818;
PRLL5819
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
PRLL5817
−
20
V
PRLL5818
−
30
V
PRLL5819
−
40
V
VRSM
non-repetitive peak reverse voltage
PRLL5817
−
24
V
PRLL5818
−
36
V
PRLL5819
−
48
V
VRRM
repetitive peak reverse voltage
PRLL5817
−
20
V
PRLL5818
−
30
V
PRLL5819
−
40
V
VRWM
crest working reverse voltage
PRLL5817
−
20
V
PRLL5818
−
30
V
PRLL5819
−
40
V
IF(AV)
average forward current
Tamb = 60 °C
−
1
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave;
Tj = Tj max prior to surge: VR = 0
−
25
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com