Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5748 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5748 Datasheet HTML 9Page - Analog Devices AD5748 Datasheet HTML 10Page - Analog Devices AD5748 Datasheet HTML 11Page - Analog Devices AD5748 Datasheet HTML 12Page - Analog Devices AD5748 Datasheet HTML 13Page - Analog Devices AD5748 Datasheet HTML 14Page - Analog Devices AD5748 Datasheet HTML 15Page - Analog Devices AD5748 Datasheet HTML 16Page - Analog Devices AD5748 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD5748
Rev. A | Page 13 of 32
0.020
–0.025
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
105
25
–40
TEMPERATURE (°C)
AVDD = +24V
AVSS = –24V
+5V GAIN, NO LOAD
+10V GAIN, NO LOAD
±10V GAIN, NO LOAD
Figure 11. Gain Error vs. Temperature
2.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.5
2.0
1.0
105
25
–40
TEMPERATURE (°C)
AVDD = +24V
AVSS = –24V
OUTPUT UNLOADED
+5V RANGE
+10V RANGE
±10V RANGE
Figure 12. Zero-Scale Error (Offset Error) vs. Temperature
0.003
–0.003
–0.002
–0.001
0
0.001
0.002
SUPPLY VOLTAGES (AVDD/AVSS)
+11.2/–10.8
±15.0
±24.0
±26.4
+5V LINEARITY, NO LOAD
+10V LINEARITY, NO LOAD
±10V LINEARITY, NO LOAD
Figure 13. Integral Nonlinearity Error vs. Supply Voltage
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
SUPPLY VOLTAGES (AVDD/AVSS)
+11.2/–10.8
±15.0
±24.0
±26.4
+5V POSITIVE TUE, NO LOAD
+10V POSITIVE TUE, NO LOAD
±10V POSITIVE TUE, NO LOAD
+5V NEGATIVE TUE, NO LOAD
+10V NEGATIVE TUE, NO LOAD
±10V NEGATIVE TUE, NO LOAD
Figure 14. Total Unadjusted Error vs. Supply Voltages
1.2
1.0
0.8
0.6
0.4
0.2
0
105
25
–40
TEMPERATURE (°C)
±10V AVDD HEADROOM, LOAD OFF
Figure 15. AVDD Headroom, ±10 V Range, Output Set to 10 V, Load Off
0.05
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
15
–15 –13 –11 –9–7–5–3–1
1
3
5
7
9
11 13
SOURCE/SINK CURRENT (mA)
+5V RANGE
±10V RANGE
Figure 16. Source and Sink Capability of Output Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com