Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5002 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF5002
Description  4GHz to 18GHz Divide-by-8 Prescaler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5002 Datasheet(HTML) 3 Page - Analog Devices

  ADF5002 Datasheet HTML 1Page - Analog Devices ADF5002 Datasheet HTML 2Page - Analog Devices ADF5002 Datasheet HTML 3Page - Analog Devices ADF5002 Datasheet HTML 4Page - Analog Devices ADF5002 Datasheet HTML 5Page - Analog Devices ADF5002 Datasheet HTML 6Page - Analog Devices ADF5002 Datasheet HTML 7Page - Analog Devices ADF5002 Datasheet HTML 8Page - Analog Devices ADF5002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADF5002
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VDD1 = VDD2 = 3.3 V ± 10%, GND = 0 V; dBm referred to 50 Ω; TA = TMIN to TMAX, unless otherwise noted. Operating temperature
range is −40°C to +105°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RF CHARACTERISTICS
Input Frequency
4
18
GHz
RF Input Sensitivity
−10
+10
dBm
4 GHz to 18 GHz
Output Power
−10
−5
dBm
Single-ended output connected into a 50 Ω load
−7
−2
dBm
Differential outputs connected into a 100 Ω
differential load
Output Voltage Swing
200
330
mV p-p
Peak-to-peak voltage swing on each single-ended
output, connected into a 50 Ω load
400
660
mV p-p
Peak-to-peak voltage swing on differential
output, connected into a 100 Ω differential load
1000
mV p-p
Peak-to-peak voltage swing on each single-ended
output, no load condition
Phase Noise
−153
dBc/Hz
Input frequency (fIN) = 12 GHz, offset = 100 kHz
Reverse Leakage
−60
dBm
RF input power (PIN) = 0 dBm, RFOUT = 4 GHz
Second Harmonic Content
−38
dBc
Third Harmonic Content
−12
dBc
Fourth Harmonic Content
−20
dBc
Fifth Harmonic Content
−19
dBc
CE INPUT
Input High Voltage, VIH
2.2
V
Input Low Voltage, VIL
0.3
V
POWER SUPPLIES
Voltage Supply
3.0
3.3
3.6
V
IDD (IDD1 + IDD2)
Active
30
60
mA
CE is high
Power-Down
7
25
mA
CE is low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com