Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5002BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF5002BCPZ
Description  4GHz to 18GHz Divide-by-8 Prescaler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5002BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF5002BCPZ Datasheet HTML 3Page - Analog Devices ADF5002BCPZ Datasheet HTML 4Page - Analog Devices ADF5002BCPZ Datasheet HTML 5Page - Analog Devices ADF5002BCPZ Datasheet HTML 6Page - Analog Devices ADF5002BCPZ Datasheet HTML 7Page - Analog Devices ADF5002BCPZ Datasheet HTML 8Page - Analog Devices ADF5002BCPZ Datasheet HTML 9Page - Analog Devices ADF5002BCPZ Datasheet HTML 10Page - Analog Devices ADF5002BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADF5002
Rev. 0 | Page 7 of 12
EVALUATION BOARD PCB
The evaluation board has four connectors as shown in Figure 8.
The RF input connector (J4) is a high frequency precision SMA
connector from Emerson. This connector is mechanically
compatible with SMA, 3.5 mm, and 2.92 mm cables.
Figure 8. Evaluation Board Silkscreen—Top View
The evaluation board is powered from a single 3.0 V to 3.6 V
supply, which should be connected to the J1 SMA connector.
The power supply can also be connected using the T3 (VDDx)
and T2 (GND) test points.
The differential RF outputs are brought out on the J2 and J3
SMA connectors. If only one of the outputs is being used, the
unused output should be correctly terminated using a 50 Ω
SMA termination.
The chip enable (CE) pin can be controlled using the T1 test
point. If this function is not required, the test point can be left
unconnected.
PCB MATERIAL STACK-UP
The evaluation board is built using Rogers RO4003C material
(0.008 inch). RF track widths are 0.015 inch to achieve a controlled
50 Ω characteristic impedance. The complete PCB stack-up is
shown in Figure 9.
FR4 PREPREG
0.0372”
0.5oz (18µm) FINISHED COPPER
ROGERS RO4003C LAMINATE 0.008”
εr = 3.38. STARTING COPPER WEIGHT 0.5oz/0.5oz
1.5oz (53µm) FINISHED COPPER
0.5oz (18µm) FINISHED COPPER
1.5oz (53µm) FINISHED COPPER
ROGERS RO4003C LAMINATE 0.008”
εr = 3.38. STARTING COPPER WEIGHT 0.5oz/0.5oz
0.062” ± 0.003”
COPPER TO COPPER
Figure 9. Evaluation Board PCB Layer Stack-Up
BILL OF MATERIALS
Table 4.
Qty
Reference Designator
Description
Supplier
Part Number
1
C1
0.1 μF, 0603 capacitor
Murata
GRM188R71H104KA93D
1
C2
10 pF, 0402 capacitor
Murata
GRM1555C1H100JZ01D
3
J1, J2, J3
SMA RF connector
Emerson
142-0701-851
1
J4
SMA RF connector
Emerson
142-0761-801
3
T1, T2, T3
Test points
Vero
20-2137
1
U1
ADF5002 RF prescaler
Analog Devices, Inc.
ADF5002BCPZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com