Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP172ACBZ-1.8-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP172ACBZ-1.8-R7
Description  300 mA, Low Quiescent Current CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP172ACBZ-1.8-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP172ACBZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP172ACBZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP172ACBZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP172ACBZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP172ACBZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP172ACBZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP172ACBZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP172ACBZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP172ACBZ-1.8-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP172
Rev. B | Page 11 of 20
THEORY OF OPERATION
The ADP172 is a low quiescent current, low-dropout linear
regulator that operates from 1.6 V to 3.6 V and can provide up to
300 mA of output current. Drawing a low 170 μA of quiescent
current (typical) at full load makes the ADP172 ideal for battery-
operated portable equipment. Shutdown current consumption is
typically 100 nA.
Optimized for use with small 1 μF ceramic capacitors, the
ADP172 provides excellent transient performance.
SHORT CIRCUIT,
UVLO AND
THERMAL
PROTECT
0.5V REFERENCE
SHUTDOWN
VIN
VOUT
R1
R2
GND
EN
ADP172
Figure 23. ADP172 Internal Block Diagram
Internally, the ADP172 consists of a reference, an error
amplifier, a feedback voltage divider, and a PMOS pass transistor.
Output current is delivered via the PMOS pass device, which is
controlled by the error amplifier. The error amplifier compares
the reference voltage with the feedback voltage from the output
and amplifies the difference. If the feedback voltage is lower than
the reference voltage, the gate of the PMOS device is pulled lower,
allowing more current to pass and increasing the output voltage.
If the feedback voltage is higher than the reference voltage, the
gate of the PMOS device is pulled higher, allowing less current
to pass and decreasing the output voltage.
The ADP172 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. When EN is high, VOUT
turns on; when EN is low, VOUT turns off. For automatic
startup, EN can be tied to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com