Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40-18P/4 Datasheet(PDF) 2 Page - Hirose Electric

Part # ST40-18P/4
Description  Interface Connectors for Miniature, Portable Terminal Devices
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ST40-18P/4 Datasheet(HTML) 2 Page - Hirose Electric

  ST40-18P/4 Datasheet HTML 1Page - Hirose Electric ST40-18P/4 Datasheet HTML 2Page - Hirose Electric ST40-18P/4 Datasheet HTML 3Page - Hirose Electric ST40-18P/4 Datasheet HTML 4Page - Hirose Electric ST40-18P/4 Datasheet HTML 5Page - Hirose Electric ST40-18P/4 Datasheet HTML 6Page - Hirose Electric ST40-18P/4 Datasheet HTML 7Page - Hirose Electric ST40-18P/4 Datasheet HTML 8Page - Hirose Electric ST40-18P/4 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ST Series
●Interface Connectors for Miniature, Portable Terminal Devices
60m ø max.
100M ø min.
No flashover or insulation breakdown.
Mating: 29.4N max.
Contact resistance: 50 m ø max.
No electrical discontinuity of 10 μ sec. max.
Contact resistance: 100m ø max.
Contact resistance: 100m ø max.
Insulation resistance: 1000M ø min.
No corrosions
Fully inserted and locked corresponding connector. No
physical damage or electrical failure.
No electrical discontinuity of 10 μ sec. max. Contact
resistance: 100m ø max.
100mA DC
250V DC
350V AC/ one minute
With corresponding connector.
10000 cycles
Acceleration of 490 m/s2, 11 ms duration, sine half-wave
waveform, 3 cycles in each of the 3 axis.
Temperature : -55ç
➝ +5ç to +35ç ➝ +85ç ➝ +5ç to +35ç
Time (Minutes) : -30
➝ +5
➝ +30 ➝ +5
5 cycles
5±1% salt water solution at 35±3ç for 48 hours, after
washing without salt, leave for 24 hours at room temperature
Pull force: 49N max. applied in each of the 3 axis.
Frequency: 10 to 55 Hz, single amplitude of 0.75mm, 2 hours,
3 axis.
11. Contact resistance
12. Insulation resistance
13. Dielectric withstanding voltage
14. Mating/un-mating forces
15. Durability
(mating/un-mating)
16. Shock
17. Temperature cycle
18. Salt spray
19. Lock strength
10. Shock
Rating
Current rating
0.5A (1 A max. can be carried via 4 random contacts)
Voltage rating
100V AC
Operating temperature range
: -30ç to +80ç
Storage temperature range
: -40ç to +85ç (Note)
■Specifications
■Materials
● Receptacles and cradles
Characteristic
Specification
Conditions
Insulator
Contacts
Shield
Thermoplastic compound, glass reinforced
Copper alloy
Stainless steel
Color: Black
Contact area: Gold plated
Tin alloy plating
UL94V-0
-------------------
-------------------
Component
Material
Finish
Remarks
Note: Includes temperature rise caused by current flow.
● Plugs
Insulator
Contacts
Shield
Cover
Thermoplastic compound, glass reinforced
Copper alloy
Stainless steel
Thermoplastic compound, glass reinforced
Color: Black
Contact area: Gold plated
-------------------
-------------------
UL94V-0
-------------------
-------------------
UL94-HB
Component
Material
Finish
Remarks
■Ordering information
Series name
: ST
Termination type
60
: Right angle SMT
40
: Solder type
80
: Cradle, vertical, SMT
Shield
X
: With shield
Blank
: Without shield
Number of positions
Contact type
P
: Male contact (Receptacle)
S
: Female contact (Plug)
Contact arrangement /4
: Combination, with 4 power contacts
Plug type
CV
: Standard type, for top PCB mount
CVR
: Reverse type, for bottom PCB mount
CV1
: For larger diameter cables
RoHS compliant
: (50), (80)
1
2
3
4
5
6
7
8
-
(50)
/4
P
18
60
ST
1
2
4
5
6
8
● Receptacles
--
(80)
CVR
S
18
X
40
ST
1
2
3
4
5
1
2
3
4
5
7
8
● Plugs
-
(50)
S
18
X
80
ST
● Plug - Cradle type
8
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com