Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST80-18P/4 Datasheet(PDF) 11 Page - Hirose Electric

Part # ST80-18P/4
Description  Interface Connectors for Miniature, Portable Terminal Devices
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ST80-18P/4 Datasheet(HTML) 11 Page - Hirose Electric

Back Button ST80-18P/4 Datasheet HTML 3Page - Hirose Electric ST80-18P/4 Datasheet HTML 4Page - Hirose Electric ST80-18P/4 Datasheet HTML 5Page - Hirose Electric ST80-18P/4 Datasheet HTML 6Page - Hirose Electric ST80-18P/4 Datasheet HTML 7Page - Hirose Electric ST80-18P/4 Datasheet HTML 8Page - Hirose Electric ST80-18P/4 Datasheet HTML 9Page - Hirose Electric ST80-18P/4 Datasheet HTML 10Page - Hirose Electric ST80-18P/4 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
ST Series
●Interface Connectors for Miniature, Portable Terminal Devices
BRecommended Temperature Profile (Lead-free soldering compound)
(ç)
250
240ç
230ç min
180ç
150ç
200
150
100
60S
30S
50
HRS test conditions
Solder composition: Paste, 96.5%Sn/3.0%Ag/0.5%Cu
Test board: Glass epoxy 35mm∞35mm∞0.8mm thick
The temperature profiles are based on the above conditions.
In individual applications the actual temperature may vary,
depending on solder paste type, volume/thickness and board
size/thickness. Consult your solder paste and equipment
manufacturer for specific recommendations.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com