Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST60-18S/4 Datasheet(PDF) 9 Page - Hirose Electric

Part # ST60-18S/4
Description  Interface Connectors for Miniature, Portable Terminal Devices
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ST60-18S/4 Datasheet(HTML) 9 Page - Hirose Electric

Back Button ST60-18S/4 Datasheet HTML 3Page - Hirose Electric ST60-18S/4 Datasheet HTML 4Page - Hirose Electric ST60-18S/4 Datasheet HTML 5Page - Hirose Electric ST60-18S/4 Datasheet HTML 6Page - Hirose Electric ST60-18S/4 Datasheet HTML 7Page - Hirose Electric ST60-18S/4 Datasheet HTML 8Page - Hirose Electric ST60-18S/4 Datasheet HTML 9Page - Hirose Electric ST60-18S/4 Datasheet HTML 10Page - Hirose Electric ST60-18S/4 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
ST Series
●Interface Connectors for Miniature, Portable Terminal Devices
21
23.2
21
No.1
No.24
9
screw(2)
Catch / release button(2)
● 24 pos. (Shielded type, for 5.8mm max. cable diameter)
No.1
No.36
32.5
30.6
34.1
7.6
11.4
screw(2)
Catch / release button(2)
● 36 pos. (Shielded type, for 7mm max. cable diameter)
Note: Plug assemblies will require additional components. Contact Hirose Electric representative for detailed descriptions and installation instructions.
Part Number
CL No.
RoHS
ST40X-24S-CV1(80)
CL241-0023-8-80
YES
Part Number
CL No.
RoHS
ST40X-36S-CV(80)
CL241-0034-4-80
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com