Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRTR5V0U6AS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PRTR5V0U6AS
Description  High speed interface ESD protection to IEC 61000-4-2 level 4
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRTR5V0U6AS Datasheet(HTML) 1 Page - NXP Semiconductors

  PRTR5V0U6AS Datasheet HTML 1Page - NXP Semiconductors PRTR5V0U6AS Datasheet HTML 2Page - NXP Semiconductors PRTR5V0U6AS Datasheet HTML 3Page - NXP Semiconductors PRTR5V0U6AS Datasheet HTML 4Page - NXP Semiconductors PRTR5V0U6AS Datasheet HTML 5Page - NXP Semiconductors PRTR5V0U6AS Datasheet HTML 6Page - NXP Semiconductors PRTR5V0U6AS Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.
Product profile
1.1 General description
The PRTR5V0U6AS is designed to protect Input/Output (I/O) ports that are sensitive to
capacitive load, such as USB 2.0, Ethernet, DVI and HDMI from destruction by
ElectroStatic Discharge (ESD). It provides protection to downstream signal and supply
components from ESD voltages as high as
±8 kV (contact discharge).
The PRTR5V0U6AS incorporates six pairs of ultra-low capacitance rail-to-rail diodes plus
a Zener diode. The rail-to-rail diodes are connected to the Zener diode which allows ESD
protection to be independent of supply voltage with any ESD voltage discharged locally
within the device. The PRTR5V0U6AS is fabricated using monolithic silicon technology
integrating six ultra-low capacitance rail-to-rail ESD protection diodes in a miniature 8-lead
SO8 (SOT96) package.
1.2 Features
I Pb-free and RoHS compliant, dark green
I ESD protection compliant to IEC 61000-4-2 level 4, ±8 kV contact discharge
I Six ultra-low input capacitance (1 pF typical) ESD rail-to-rail ESD protection diodes
I Supply voltage independent clamping due to integrated Zener diode
I Small 8-lead SO8 (SOT96) package
1.3 Applications
I General-purpose downstream ESD protection high frequency analog signals and
high-speed serial data transmission for ports inside:
N Cellular and PCS mobile handsets
N PC/Notebook USB2.0/IEEE1394 ports
N DVI/HDMI interfaces
N Cordless telephones
N Wireless data (WAN/LAN) systems
N PDAs
PRTR5V0U6AS
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01 — 18 February 2008
Product data sheet


Similar Part No. - PRTR5V0U6AS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PRTR5V0U6AS NEXPERIA-PRTR5V0U6AS Datasheet
172Kb / 8P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01 - 18 February 2008
More results

Similar Description - PRTR5V0U6AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6 Datasheet
128Kb / 6P
Dual USB 2.0 Integrated ESD protection to IEC 61000-4-2 level 4
2005 January 05
IP5306CX8 NXP-IP5306CX8 Datasheet
247Kb / 15P
Integrated differential microphone filter with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP4060CX16 NXP-IP4060CX16 Datasheet
66Kb / 10P
High-speed MultiMediaCard interface filter with ESD protection to IEC 61000-4-2 level 4
Rev. 01-14 May 2009
IP4350CX24 NXP-IP4350CX24 Datasheet
117Kb / 16P
9-channel SD memory card interface ESD protection filter to IEC 61000-4-2 level 4
Rev. 01-5 February 2010
PRTR5V0U8S NXP-PRTR5V0U8S Datasheet
58Kb / 7P
Integrated octal low-capacity ESD protection to IEC 61000-4-2 level 4
Rev. 01-14 January 2008
IP4234CZ6 NXP-IP4234CZ6 Datasheet
68Kb / 9P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
IP4234CZ6 PHILIPS-IP4234CZ6_15 Datasheet
68Kb / 9P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
logo
Nexperia B.V. All right...
IP4234CZ6 NEXPERIA-IP4234CZ6 Datasheet
190Kb / 11P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 3.0 - 31 January 2018
PRTR5V0U6AS NEXPERIA-PRTR5V0U6AS Datasheet
172Kb / 8P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01 - 18 February 2008
PRTR5V0U8S NEXPERIA-PRTR5V0U8S Datasheet
215Kb / 9P
Integrated octal low-capacity ESD protection to IEC 61000-4-2 level 4
Rev. 02 - 7 May 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com