Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF33-2DP-3.3C Datasheet(PDF) 5 Page - Hirose Electric

Part # DF33-2DP-3.3C
Description  3.3 mm Contact Pitch, Connectors for Internal Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33-2DP-3.3C Datasheet(HTML) 5 Page - Hirose Electric

  DF33-2DP-3.3C Datasheet HTML 1Page - Hirose Electric DF33-2DP-3.3C Datasheet HTML 2Page - Hirose Electric DF33-2DP-3.3C Datasheet HTML 3Page - Hirose Electric DF33-2DP-3.3C Datasheet HTML 4Page - Hirose Electric DF33-2DP-3.3C Datasheet HTML 5Page - Hirose Electric DF33-2DP-3.3C Datasheet HTML 6Page - Hirose Electric DF33-2DP-3.3C Datasheet HTML 7Page - Hirose Electric DF33-2DP-3.3C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
B142
DF33 Series
●3.3 mm Contact Pitch, Connectors for Internal Power Supplies
■Single row - Crimp socket
Standard Type
R Type
Standard Type (Guide Key: Inside, Color: Natural Beige)
R Type (Guide Key: Right Side, Color: Black)
No. of contacts
A
B
RoHS
2
3
4
5
6
7.8
11.1
14.4
17.7
21.0
3.3
6.6
9.9
13.2
16.5
YES
Pat number
DF33-2S-3.3C
DF33-3S-3.3C
DF33-4S-3.3C
DF33-5S-3.3C
DF33-6S-3.3C
CL No.
CL676-1021-4
CL676-1022-7
CL676-1023-0
CL676-1024-2
CL676-1025-5
No. of contacts
A
B
RoHS
2
3
4
5
6
7.8
11.1
14.4
17.7
21.0
3.3
6.6
9.9
13.2
16.5
YES
Pat number
DF33R-2S-3.3C
DF33R-3S-3.3C
DF33R-4S-3.3C
DF33R-5S-3.3C
DF33R-6S-3.3C
CL No.
CL676-1048-0
CL676-1049-3
CL676-1050-2
CL676-1051-5
CL676-1052-8
A
B
P=3.3
Polarity mark
Contact No.1 indicator
Cavity No.
Note: bag packaging (100 pieces/bag). Order by number of bags.
Refer to next page for retainer.
Standard Type (Guide Key: Inside, Color: Natural Beige)
No. of contacts
A
B
RoHS
4
6
8
10
12
7.8
11.1
14.4
17.7
21.0
3.3
6.6
9.9
13.2
16.5
YES
Pat number
DF33-4DS-3.3C
DF33-6DS-3.3C
DF33-8DS-3.3C
DF33-10DS-3.3C
DF33-12DS-3.3C
CL No.
CL676-1006-0
CL676-1007-3
CL676-1008-6
CL676-1009-9
CL676-1010-8
R Type (Guide Key: Right Side, Color: Black)
No. of contacts
A
B
RoHS
4
6
8
10
12
7.8
11.1
14.4
17.7
21.0
3.3
6.6
9.9
13.2
16.5
YES
Pat number
DF33R-4DS-3.3C
DF33R-6DS-3.3C
DF33R-8DS-3.3C
DF33R-10DS-3.3C
DF33R-12DS-3.3C
CL No.
CL676-1038-7
CL676-1039-0
CL676-1040-9
CL676-1041-1
CL676-1042-4
Standard Type
■Double row - Crimp socket
R Type
A
B
P=3.3
Polarity mark
Cavity No.
Contact No.2 indicator
Contact No.1 indicator
Note: bag packaging (100 pieces/bag). Order by number of bags.
Refer to next page for retainer.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com