Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1E-03RS/P-2.5 Datasheet(PDF) 13 Page - Hirose Electric

Part # DF1E-03RS/P-2.5
Description  2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E-03RS/P-2.5 Datasheet(HTML) 13 Page - Hirose Electric

Back Button DF1E-03RS/P-2.5 Datasheet HTML 8Page - Hirose Electric DF1E-03RS/P-2.5 Datasheet HTML 9Page - Hirose Electric DF1E-03RS/P-2.5 Datasheet HTML 10Page - Hirose Electric DF1E-03RS/P-2.5 Datasheet HTML 11Page - Hirose Electric DF1E-03RS/P-2.5 Datasheet HTML 12Page - Hirose Electric DF1E-03RS/P-2.5 Datasheet HTML 13Page - Hirose Electric DF1E-03RS/P-2.5 Datasheet HTML 14Page - Hirose Electric DF1E-03RS/P-2.5 Datasheet HTML 15Page - Hirose Electric DF1E-03RS/P-2.5 Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
B158
DF1E Series
●2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
■Socket Crimping Contact
Part Number
DF1E – 2022SCF
DF1E – 2022SC
DF1B – 2022SCF
DF1B – 2022SC
DF1B – 2428SCF
DF1B – 2428SC
DF1B – 30SCF
DF1B – 30SC
541 – 0999 – 5
541 – 1000 – 2
541 – 0223 – 1
541 – 0224 – 4
541 – 0678 – 1
541 – 0679 – 4
541 – 0682 – 9
541 – 0683 – 1
20
22
20
22
24
28
30
AWG # 20
AWG # 22
AWG # 20
AWG # 22
AWG # 24
AWG # 28
AWG # 30
1.2 to 1.9mm
1.2 to 1.9mm
0.9 to 1.5mm
0.6 to 1.2mm
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
10,000
100
10,000
100
10,000
100
10,000
100
Yes
Applicable
Cable Indication
Applicable Cable
AWG
Jacket Diameter
CL No.
Packaging
Type
Quantity
RoHS
● Crimping Contact Extraction Tool DF-C-PO(B)
AWG # 20 (21 cores./0.18mm)
AWG # 22 (17 cores./0.16mm)
AWG # 24 (11 cores./0.16mm)
AWG # 26 (07 cores./0.16mm)
AWG # 28 (07 cores./0.127mm)
AWG # 30 (07 cores./0.1mm)
Conductor Size (Wire construction)
●Applicable Cable (Tin plating annealed copper wire)
●Recommended Cable
UL1061, UL1007
●Strip Length
2.0mm to 2.5mm
Note : If other cables are used instead of the applicable
cable, consult Hirose sales department.
●DF1E-2022SCF
●DF1B - * * * * SCF
1.95
Applicable cable indicated
1.95
1.4
0.83
1.75
0.55
0.975
1.75
Applicable cable indicated
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com