Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5915PC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5915PC
Description  Plastic Blades Potting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5915PC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5915PC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMINEBEA.COM
5915PC(150
X
38L)
X
172
-10°C ~ +70°C (Operating)
-40°C ~ +70°C (Storage)
(non-condensing environment)
Thermal Protect
AC 1800V 3s
100M Ω or over with a DC500V Megger
Capacitor-Run Induction Motor
25°C
100,000 Hours
Units:
inch
(mm)
Casing
: Aluminum
Impeller : Polycarbonate (Class Fiber-Containing)
Bearing
: Ball Bearings
Terminal: Faston #110 or Equiv
(38
)
0.2
1.5 .008
(6)
(6)
.24 .02
.24 .02
(150
)
1
.169
2 – ( 4.3)
.169
2 – ( 4.3)
5.90
35 70 106 141
.4
CFM
.2
.6
.8
1.0
212
175
245
(146)
5.75
INLET SIDE / OUTLET SIDE
2 – ( 4.3)
.169
MODEL
(Hz)
(V)
60
50
60
50
50
60
60
50
60
50
60
50
Frequency
3200
2700
3200
2700
3200
2700
3200
2700
3200
2700
2700
3200
Speed
56.0
52.0
56.0
52.0
56.0
52.0
56.0
52.0
56.0
52.0
52.0
56.0
(dB)*2
Noise
157.0
215.8
157.0
215.8
157.0
215.8
157.0
215.8
157.0
215.8
157.0
215.8
(Pa)*3
.628
.863
.628
.863
.628
.863
.628
.863
.628
.863
.628
.863
(in H2O)
5.00
6.00
5.00
6.00
5.00
6.00
5.00
6.00
5.00
6.00
5.00
6.00
176.50
211.80
176.50
211.80
176.50
211.80
176.50
211.80
176.50
211.80
176.50
211.80
37.0
33.0
35.0
32.0
34.0
33.0
40.0
38.0
35.0
35.0
34.0
34.0
Input Power
0.47
0.44
0.38
0.36
0.23
0.21
0.21
0.18
0.19
0.18
0.18
0.17
Current
(A)
*1
5915PC-10T-B30-BM0
5915PC-12T-B30-AM0
5915PC-20T-B30-BM0
5915PC-22T-B30-BM0
5915PC-23T-B30-AM0
5915PC-24T-B30-AM0
850
100
115
200
220
230
240
Rated Voltage
Starting Voltage
(V)
65
75
130
145
150
155
Rotation: Counterclockwise as seen from the label side.
Airflow Outlet: Label side
Max. Static Pressure
Max. Air Flow
*3
(CFM)
*3
(m /min)
3
*3
(min )
-1
(W)+10/-20%
(g)
Mass
*1:Maximum Values in Free Air
*2:Average Values in Free Air
*3:Minimum Values in Free Air
*3
Plastic Blades / Potting


Similar Part No. - 5915PC

ManufacturerPart #DatasheetDescription
logo
NMB Technologies Corpor...
5915PC NMB-5915PC Datasheet
212Kb / 2P
Fan Guards
More results

Similar Description - 5915PC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-49-5808 GLENAIR-M85049-49-5808 Datasheet
14Kb / 1P
Potting Boot Ring
M85049-61-08 GLENAIR-M85049-61-08 Datasheet
71Kb / 1P
Potting Boot Ring
M85049-74-08-1 GLENAIR-M85049-74-08-1 Datasheet
83Kb / 1P
Potting Boot
M85049-75-08-1 GLENAIR-M85049-75-08-1 Datasheet
60Kb / 1P
Potting Boot
logo
List of Unclassifed Man...
4715TS ETC2-4715TS Datasheet
298Kb / 1P
Metal Blades Potting
logo
Bud Industries, Inc.
PB-1560 BUD-PB-1560 Datasheet
126Kb / 2P
POTTING BOXES
logo
List of Unclassifed Man...
GPL1 ETC2-GPL1 Datasheet
113Kb / 1P
Potting Boxes
logo
TOKYO SEIMITSU CO., LTD
HM ACCRETECH-HM Datasheet
420Kb / 2P
METAL BOND BLADES
logo
NMB Technologies Corpor...
15038PB NMB-15038PB Datasheet
725Kb / 2P
Legacy Part No. 5915PC Plastic Blades/Standard
logo
T-Global Technology
TG-A09AB TGLOBAL-TG-A09AB Datasheet
499Kb / 1P
Silicone Potting Compound
20230721
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com