Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS61L60CW Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS61L60CW
Description  Power Schottky rectifer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS61L60CW Datasheet(HTML) 1 Page - STMicroelectronics

  STPS61L60CW Datasheet HTML 1Page - STMicroelectronics STPS61L60CW Datasheet HTML 2Page - STMicroelectronics STPS61L60CW Datasheet HTML 3Page - STMicroelectronics STPS61L60CW Datasheet HTML 4Page - STMicroelectronics STPS61L60CW Datasheet HTML 5Page - STMicroelectronics STPS61L60CW Datasheet HTML 6Page - STMicroelectronics STPS61L60CW Datasheet HTML 7Page - STMicroelectronics STPS61L60CW Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2009
Doc ID 15641 Rev 1
1/8
8
STPS61L60C
Power Schottky rectifier
Features
■ High current capability
■ Avalanche rated
■ Low forward voltage drop current
■ High frequency operation
Description
Dual center tap schottky rectifier suited for high
frequency switch mode power supplies.
Packaged in TO-247 and TO-220AB, this device
provides desktop SMPS designers with a low
forward voltage drop device, and reduced leakage
current, with the objective of making the
application compliant with environmental care
standards, or suitable for 80+ requirements.
Table 1.
Device summary
IF(AV)
2 x 30 A
VRRM
60 V
Tj (max)
150 °C
VF(typ)
0.560 V
A1
K
A2
A1
K
A2
A1
K
K
A2
TO-247
STPS61L60CW
TO-220AB
STPS61L60CT
www.st.com


Similar Part No. - STPS61L60CW

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STPS61L60CT ISC-STPS61L60CT Datasheet
370Kb / 2P
Schottky Diode
More results

Similar Description - STPS61L60CW

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2010J SSDI-SSR2010J Datasheet
169Kb / 2P
20 AMPS 100 VOLTS SCHOTTKY RECTIFER
logo
Sirectifier Semiconduct...
MBR2X160-100 SIRECTIFIER-MBR2X160-100 Datasheet
88Kb / 1P
Power Schottky Rectifer - Non isolated
logo
Solid States Devices, I...
SSR2008M SSDI-SSR2008M_1 Datasheet
97Kb / 2P
SCHOTTKY RECTIFER
logo
Microsemi Corporation
MSG104 MICROSEMI-MSG104_07 Datasheet
97Kb / 2P
1 Amp Schottky Rectifer
MSG108 MICROSEMI-MSG108_07 Datasheet
97Kb / 2P
1 Amp Schottky Rectifer
MSG110 MICROSEMI-MSG110 Datasheet
95Kb / 2P
1 Amp Schottky Rectifer
MSG140 MICROSEMI-MSG140_07 Datasheet
98Kb / 2P
1 Amp Schottky Rectifer
logo
First Components Intern...
BAT54X FCI-BAT54X Datasheet
126Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
logo
Solid States Devices, I...
RH0075 SSDI-RH0075 Datasheet
214Kb / 2P
RECTIFER
RS0087 SSDI-RS0087 Datasheet
173Kb / 2P
RECTIFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com