Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV612A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSV612A
Description  Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV612A Datasheet(HTML) 5 Page - STMicroelectronics

  TSV612A Datasheet HTML 1Page - STMicroelectronics TSV612A Datasheet HTML 2Page - STMicroelectronics TSV612A Datasheet HTML 3Page - STMicroelectronics TSV612A Datasheet HTML 4Page - STMicroelectronics TSV612A Datasheet HTML 5Page - STMicroelectronics TSV612A Datasheet HTML 6Page - STMicroelectronics TSV612A Datasheet HTML 7Page - STMicroelectronics TSV612A Datasheet HTML 8Page - STMicroelectronics TSV612A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TSV611, TSV611A, TSV612, TSV612A
Electrical characteristics
Doc ID 15768 Rev 2
5/19
Table 4.
VCC+ = +3.3 V, VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C,
RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV61x
TSV61xA
4
0.8
mV
Tmin<Top<Tmax TSV61x
Tmin<Top<TmaxTSV61xA
5
2
DVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current
110(1)
1.
Guaranteed by design.
pA
Tmin. < Top < Tmax.
1
100
pA
Iib
Input bias current
110(1)
pA
Tmin. < Top < Tmax.
1
100
pA
CMR
Common mode rejection
ratio 20 log (
ΔVic/ΔVio)
0 V to 3.3 V, Vout = 1.75 V
61
76
dB
Tmin. < Top < Tmax.
58
dB
Avd
Large signal voltage gain
RL =10kΩ, Vout = 0.5 V to
2.8 V
85
92
dB
Tmin. < Top < Tmax.
83
dB
VOH
High level output voltage
RL =10kΩ
Tmin. < Top < Tmax.
35
50
5
mV
VOL
Low level output voltage
RL =10kΩ
Tmin. < Top < Tmax.
10
35
50
mV
Iout
Isink
Vo = VCC
Tmin. < Top < Tmax.
37
35
44
mA
Isource
Vo = 0 V
Tmin. < Top < Tmax.
32
30
38
ICC
Supply current (per
operator)
No load, Vout =VCC/2
6.5
9.5
12.5
µA
Tmin. < Top < Tmax.
613
µA
AC performance
GBP
Gain bandwidth product
RL =10kΩ, CL =20pF
110
kHz
φm
Phase margin
RL = 10 kΩ, CL =20pF
60
Degrees
Gm
Gain margin
RL = 10 kΩ, CL =20pF,
9.5
dB
SR
Slew rate
RL =10kΩ, CL = 20 pF, Vout
= 0.5V to 2.8V
0.035
V/
μs
en
Equivalent input noise
voltage
f=1kHz
110
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com