Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DPS05MTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STP16DPS05MTR
Description  Low voltage 16-bit constant current LED Sink driver with outputs error detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPS05MTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STP16DPS05MTR Datasheet HTML 11Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 12Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 13Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 14Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 15Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 16Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 17Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 18Page - STMicroelectronics STP16DPS05MTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
STP16DPS05
Typical characteristics
Doc ID 16538 Rev 2
15/34
Figure 13.
IDD ON/OFF
0
2
4
6
8
10
12
14
0
10
203040
506070
80
90
Iset (mA)
IddON Avg @ 5.5V
IddON Avg @ 3.6V
IddOFF Avg @ 5.5V
IddOFF Avg @ 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com