Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DPS05TTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STP16DPS05TTR
Description  Low voltage 16-bit constant current LED Sink driver with outputs error detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPS05TTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STP16DPS05TTR Datasheet HTML 17Page - STMicroelectronics STP16DPS05TTR Datasheet HTML 18Page - STMicroelectronics STP16DPS05TTR Datasheet HTML 19Page - STMicroelectronics STP16DPS05TTR Datasheet HTML 20Page - STMicroelectronics STP16DPS05TTR Datasheet HTML 21Page - STMicroelectronics STP16DPS05TTR Datasheet HTML 22Page - STMicroelectronics STP16DPS05TTR Datasheet HTML 23Page - STMicroelectronics STP16DPS05TTR Datasheet HTML 24Page - STMicroelectronics STP16DPS05TTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
STP16DPS05
Detection mode functionality
Doc ID 16538 Rev 2
21/34
Typical schematic used to perform the error detection:
Figure 20.
Error detection typical schematic
Using the follow formula is possible measure the Iodec
IODEC = (Vled-Vload) / Rload
The tables below shows the IODEC average value at 3.3 V and 5.0 V of power supply voltage.
The IODEC is the current value recognized by the devices output open error detection
Table 14.
IODEC average value at 3.3 V
Vdd (V)
Iset (mA)
Rext (
Ω)
Iout AVG (mA)
3.3
54270
2.097
10
2056
6.79
20
1006
10.46
50
382
26.92
80
251
35.03
Table 15.
IODEC average value at 5 V
Vdd (V)
Iset (mA)
Rext (
Ω)
Iout AVG (mA)
5
54270
1.98
10
2056
6.09
20
1006
9.67
50
382
25.54
80
251
38.9
DUT
Vled
Rload
IDEC
Out
REXT
Iset
Vdd
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com