Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV629X Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV629X
Description  Micropower, wide bandwidth CMOS operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV629X Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV629X Datasheet HTML 8Page - STMicroelectronics TSV629X Datasheet HTML 9Page - STMicroelectronics TSV629X Datasheet HTML 10Page - STMicroelectronics TSV629X Datasheet HTML 11Page - STMicroelectronics TSV629X Datasheet HTML 12Page - STMicroelectronics TSV629X Datasheet HTML 13Page - STMicroelectronics TSV629X Datasheet HTML 14Page - STMicroelectronics TSV629X Datasheet HTML 15Page - STMicroelectronics TSV629X Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Electrical characteristics
TSV629x, TSV629xA
12/25
Doc ID 16882 Rev 2
Figure 14.
Distortion + noise vs. output
voltage at VCC =1.8 V
Figure 15.
Distortion + noise vs. output
voltage at VCC =5V
Ω
Ω
Output voltage (Vrms)
Ω
Ω
Ouput voltage (V
rms
)
Figure 16.
Distortion + noise vs. frequency at
VCC =1.8 V
Figure 17.
Distortion + noise vs. frequency at
VCC =5V
Figure 18.
EMIRR vs. frequency at Vcc = 5 V,
T = 25° C
Ω
Ω
Frequency (Hz)
Ω
Ω
Frequency (Hz)
10
1
10
2
10
3
0
0
20
20
40
40
60
60
80
80
100
100
120
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com