Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV612AID/DT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV612AID/DT
Description  Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV612AID/DT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV612AID/DT Datasheet HTML 7Page - STMicroelectronics TSV612AID/DT Datasheet HTML 8Page - STMicroelectronics TSV612AID/DT Datasheet HTML 9Page - STMicroelectronics TSV612AID/DT Datasheet HTML 10Page - STMicroelectronics TSV612AID/DT Datasheet HTML 11Page - STMicroelectronics TSV612AID/DT Datasheet HTML 12Page - STMicroelectronics TSV612AID/DT Datasheet HTML 13Page - STMicroelectronics TSV612AID/DT Datasheet HTML 14Page - STMicroelectronics TSV612AID/DT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TSV611, TSV611A, TSV612, TSV612A
Application information
Doc ID 15768 Rev 2
11/19
In a follower configuration, these operational amplifiers can drive capacitive loads up to
100 pF with no oscillations. When driving larger capacitive loads, adding an in-series
resistor at the output can improve the stability of the devices (see Figure 19 for
recommended in-series resistor values). Once the in-series resistor value has been
selected, the stability of the circuit should be tested on bench and simulated with the
simulation model.
Figure 19.
In-series resistor vs. capacitive load
3.5
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
3.6
Macromodel
An accurate macromodel of the TSV61x is available on STMicroelectronics’ web site at
www.st.com. This model is a trade-off between accuracy and complexity (that is, time
simulation) of the TSV61x operational amplifiers. It emulates the nominal performances of a
typical device within the specified operating conditions mentioned in the datasheet. It also
helps to validate a design approach and to select the right operational amplifier, but it does
not replace on-board measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com