Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV612IST Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSV612IST
Description  Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV612IST Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSV612IST Datasheet HTML 11Page - STMicroelectronics TSV612IST Datasheet HTML 12Page - STMicroelectronics TSV612IST Datasheet HTML 13Page - STMicroelectronics TSV612IST Datasheet HTML 14Page - STMicroelectronics TSV612IST Datasheet HTML 15Page - STMicroelectronics TSV612IST Datasheet HTML 16Page - STMicroelectronics TSV612IST Datasheet HTML 17Page - STMicroelectronics TSV612IST Datasheet HTML 18Page - STMicroelectronics TSV612IST Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package information
TSV611, TSV611A, TSV612, TSV612A
16/19
Doc ID 15768 Rev 2
4.4
MiniSO-8 package information
Figure 23.
MiniSO-8 package mechanical drawing
Table 9.
MiniSO-8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.1
0.043
A1
0
0.15
0
0.006
A2
0.75
0.85
0.95
0.030
0.033
0.037
b
0.22
0.40
0.009
0.016
c
0.08
0.23
0.003
0.009
D
2.80
3.00
3.20
0.11
0.118
0.126
E
4.65
4.90
5.15
0.183
0.193
0.203
E1
2.80
3.00
3.10
0.11
0.118
0.122
e
0.65
0.026
L
0.40
0.60
0.80
0.016
0.024
0.031
L1
0.95
0.037
L2
0.25
0.010
k0°
8°
0°
8°
ccc
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com