Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6392ID/DT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSV6392ID/DT
Description  MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6392ID/DT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSV6392ID/DT Datasheet HTML 2Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 3Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 4Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 5Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 6Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 7Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 8Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 9Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical characteristics
TSV639x, TSV639xA
6/25
Doc ID 16883 Rev 1
Table 5.
Shutdown characteristics VCC =1.8 V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
ICC
Supply current in shutdown
mode (all operators)
SHDN = VCC-
2.5
50
nA
Tmin < Top < 85° C
200
nA
Tmin < Top < 125° C
1.5
µA
ton
Amplifier turn-on time
RL= 2 kΩ,
Vout = VCC- to VCC-+0.2 V
200
ns
toff
Amplifier turn-off time
RL =2kΩ,
Vout = VCC+ - 0.5 V to VCC+ - 0.7 V
20
ns
VIH
SHDN logic high
1.35
V
VIL
SHDN logic low
0.6
V
IIH
SHDN current high
SHDN = VCC+
10
pA
IIL
SHDN current low
SHDN = VCC-
10
pA
IOLeak
Output leakage in shutdown
mode
SHDN = VCC-
50
pA
Tmin < Top < 125° C
1
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com