Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6392AID/DT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSV6392AID/DT
Description  MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6392AID/DT Datasheet(HTML) 3 Page - STMicroelectronics

  TSV6392AID/DT Datasheet HTML 1Page - STMicroelectronics TSV6392AID/DT Datasheet HTML 2Page - STMicroelectronics TSV6392AID/DT Datasheet HTML 3Page - STMicroelectronics TSV6392AID/DT Datasheet HTML 4Page - STMicroelectronics TSV6392AID/DT Datasheet HTML 5Page - STMicroelectronics TSV6392AID/DT Datasheet HTML 6Page - STMicroelectronics TSV6392AID/DT Datasheet HTML 7Page - STMicroelectronics TSV6392AID/DT Datasheet HTML 8Page - STMicroelectronics TSV6392AID/DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TSV639x, TSV639xA
Package pin connections
Doc ID 16883 Rev 1
3/25
1
Package pin connections
Figure 1.
Pin connections for each package (top view)
TSV6393IST
TSV6392IDT/IST/ILT
TSV6394IPT
TSV6395IPT
SO8/Mini-SO8/SOT23-8
MiniSO-10
TSSOP14
TSSOP16
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
V
CC-
1
2
3
11
4
14
13
12
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
8
10
9
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
V
CC+
V
CC-
1
2
3
11
4
14
13
12
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
8
10
9
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
V
CC+
V
CC+
V
CC-
1
2
3
13
4
16
15
14
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
10
12
11
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
8
9
SHDN1/2
SHDN1/2
SHDN3/4
SHDN3/4
In2+
V
CC-
1
2
3
7
4
10
9
8
In1+
In1-
Out2
+
_
Out1
In2-
+
_
5
6
SHDN2
SHDN1
V
CC+
In2+
V
CC-
1
2
3
7
4
10
9
8
In1+
In1-
Out2
+
_
Out1
In2-
+
_
5
6
SHDN2
SHDN2
SHDN1
SHDN1
V
CC+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com