Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6392IST Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSV6392IST
Description  MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6392IST Datasheet(HTML) 4 Page - STMicroelectronics

  TSV6392IST Datasheet HTML 1Page - STMicroelectronics TSV6392IST Datasheet HTML 2Page - STMicroelectronics TSV6392IST Datasheet HTML 3Page - STMicroelectronics TSV6392IST Datasheet HTML 4Page - STMicroelectronics TSV6392IST Datasheet HTML 5Page - STMicroelectronics TSV6392IST Datasheet HTML 6Page - STMicroelectronics TSV6392IST Datasheet HTML 7Page - STMicroelectronics TSV6392IST Datasheet HTML 8Page - STMicroelectronics TSV6392IST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Absolute maximum ratings and operating conditions
TSV639x, TSV639xA
4/25
Doc ID 16883 Rev 1
2
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except differential voltage are with respect to network ground terminal.
6V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±VCC
V
Vin
Input voltage (3)
3.
VCC-Vin must not exceed 6 V, Vin must not exceed 6V.
VCC- - 0.2 to VCC++ 0.2
V
Iin
Input current (4)
4.
Input current must be limited by a resistor in series with the inputs.
10
mA
SHDN
Shutdown voltage(3)
VCC- - 0.2 to VCC++ 0.2
V
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(5)(6)
SOT23-8
MiniSO-8
SO-8
MiniSO-10
TSSOP14
TSSOP16
5.
Short-circuits can cause excessive heating and destructive dissipation.
6.
Rth are typical values.
105
190
125
113
100
95
°C/W
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(7)
7.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
4kV
MM: machine model(8)
8.
Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
300
V
CDM: charged device model(9)
9.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.5
kV
Latch-up immunity
200
mA
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.5 to 5.5
V
Vicm
Common mode input voltage range
VCC- - 0.1 to VCC+ + 0.1
V
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com