Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBC5300 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CBC5300
Description  EnerChip EH Energy Harvesting Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CBC5300 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CBC5300 Datasheet HTML 3Page - List of Unclassifed Manufacturers CBC5300 Datasheet HTML 4Page - List of Unclassifed Manufacturers CBC5300 Datasheet HTML 5Page - List of Unclassifed Manufacturers CBC5300 Datasheet HTML 6Page - List of Unclassifed Manufacturers CBC5300 Datasheet HTML 7Page - List of Unclassifed Manufacturers CBC5300 Datasheet HTML 8Page - List of Unclassifed Manufacturers CBC5300 Datasheet HTML 9Page - List of Unclassifed Manufacturers CBC5300 Datasheet HTML 10Page - List of Unclassifed Manufacturers CBC5300 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EnerChip EH CBC5300
©2009 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-06 Rev06
Page 7 of 11
Preliminary
As configured, the CBC5300 will operate with many transducer types. However, performance specifications
of transducers - namely output impedance - will affect the power conversion efficiency of the CBC5300 kit as
designed. Please contact Cymbet Applications Engineering at the phone number shown below to discuss your
specific application and desired transducer(s).
The CBC5300 module is designed to work with transducers having an output impedance over the range of 58Ω
to 4kΩ and an input voltage range of 270mV to 1.5V. The minimum open circuit voltage to start operation is
700mV. Peak efficiency will occur at a nominal transducer input voltage of 800mV to 1.0V at 1kΩ. Operating
characteristics for most transducer types are typically available from the manufacturer’s data sheet. An
example photovoltaic cell operating curve is shown below. Output impedance, operating voltage, and peak
power point can also be verified by empirical measurements. To do this, measure the load voltage and current
as a variable load impedance across the transducer is swept over a broad enough range where the peak power
point can be found by finding the maximum product of the measured load voltage and current.
To configure the CBC5300 to work with a given transducer, the optimal transducer operating voltage point
must first be obtained though the manufacturer’s data sheet or from empirical measurements. Next calculate
the values needed for a voltage divider to set the operating voltage point on the VOPER pin (pin 10). The top
of the voltage divider shown in Figure 3 uses VREG (pin 11) as its voltage source; the bottom of the voltage
divider is connected to ground. VOPER is equal to VREG * (R2 / (R1 + R2)), where VREG is nominally 4.06V and
R2 (bottom resistor) is in the range of 500kΩ to 1MΩ with the optimal value around 750kΩ. Note: Better
circuit performance (i.e., less input ripple voltage) will be obtained if R2 is made smaller than 750kΩ. A more
useful formula is: R1 = R2 * ((VREG / VOPER) - 1). Example: For a 1kΩ photovoltaic cell with operating voltage of
1.01V, R1 can be determined as R1 = 1MΩ * ((4.06V / 1.01V) - 1) = 3.02MΩ. A 3.01MΩ resistor is the nearest
standard value. R2 was chosen as a standard resistor value. 750kΩ for R2 is also a standard resistor value but
the VOPER voltage will be further away from nominal due to the standard resistor values available for R1.
Capacitor C1 (47µF) is used to set the bandwidth of the boost converter control loop. If a low impedance
transducer is used the value of C1 might have to be reduced in value. This can be verified using an oscilloscope
to check the waveform on GATE (pin 3). The waveform should be three pulses followed by a longer interval,
followed again by three pulses. The three pulses will have approximately 16.7µs of high duration followed by
16.7µs of low duration. If more than three pulses are in the waveform then the value of C1 should be reduced
to obtain the nominal waveform.
Setting the Under Voltage Lockout Voltage
The under voltage lockout (UVLO SEL) voltage should be set at or above the operating point, VOPER, in order to
prevent the EnerChip from inadvertently powering the boost converter when insufficient input transducer power
is available. Normally, UVLO should be set to a value that is 20% to 80% above VOPER. UVLO SEL can be set by
adding one or more series diodes between UVLO SEL and VIN. For example, the nominal voltage at UVLO SEL is
700mV; to raise it to 1.4V, insert one standard silicon diode. To reach intermediate voltages, Schottky diodes
may be used.
VOC: Open-circuit voltage
ISC: Short-circuit current
VOP: Optimum operating voltage
IOP: Optimum operating current
PMAX: Maximum operating power
Current-Voltage Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com