Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB751CS40 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # RB751CS40
Description  Schottky barrier single diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RB751CS40 Datasheet(HTML) 3 Page - NXP Semiconductors

  RB751CS40 Datasheet HTML 1Page - NXP Semiconductors RB751CS40 Datasheet HTML 2Page - NXP Semiconductors RB751CS40 Datasheet HTML 3Page - NXP Semiconductors RB751CS40 Datasheet HTML 4Page - NXP Semiconductors RB751CS40 Datasheet HTML 5Page - NXP Semiconductors RB751CS40 Datasheet HTML 6Page - NXP Semiconductors RB751CS40 Datasheet HTML 7Page - NXP Semiconductors RB751CS40 Datasheet HTML 8Page - NXP Semiconductors RB751CS40 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RB751_SER_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 21 May 2007
3 of 10
NXP Semiconductors
RB751 series
Schottky barrier single diodes
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-40
V
VR
reverse voltage
-
40
V
IF
forward current
-
120
mA
IFSM
non-repetitive peak forward
current
square wave;
tp <10ms
-
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
RB751CS40
[2] -
250
mW
RB751S40
[2] -
280
mW
RB751V40
-
280
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
RB751CS40
[2] -
-
500
K/W
RB751S40
[2] -
-
450
K/W
RB751V40
-
-
450
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF =1mA
[1] -
-
370
mV
IR
reverse current
VR = 30 V
-
-
0.5
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
-
2
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com