Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZU6.2BL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PZU6.2BL
Description  Single Zener diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU6.2BL Datasheet(HTML) 2 Page - NXP Semiconductors

  PZU6.2BL Datasheet HTML 1Page - NXP Semiconductors PZU6.2BL Datasheet HTML 2Page - NXP Semiconductors PZU6.2BL Datasheet HTML 3Page - NXP Semiconductors PZU6.2BL Datasheet HTML 4Page - NXP Semiconductors PZU6.2BL Datasheet HTML 5Page - NXP Semiconductors PZU6.2BL Datasheet HTML 6Page - NXP Semiconductors PZU6.2BL Datasheet HTML 7Page - NXP Semiconductors PZU6.2BL Datasheet HTML 8Page - NXP Semiconductors PZU6.2BL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PZUXBL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 6 May 2008
2 of 13
NXP Semiconductors
PZUxBL series
Single Zener diodes
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
[1]
The series consists of 29 types with nominal working voltages from 2.4 V to 36 V.
[2]
The series consists of 25 types with nominal working voltages from 2.7 V to 24 V.
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
Transparent
top view
006aaa152
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PZU2.4BL to
PZU36BL[1]
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.5 mm
SOD882
PZU2.7B2L to
PZU24B2L[2]
Table 4.
Marking codes
Type number
Marking code
Type number
Marking code
PZU2.4BL
H2
PZU2.7B2L
HZ
PZU2.7BL
H3
PZU3.0B2L
K1
PZU3.0BL
H4
PZU3.3B2L
K2
PZU3.3BL
H5
PZU3.6B2L
K3
PZU3.6BL
H6
PZU3.9B2L
K4
PZU3.9BL
H7
PZU4.3B2L
K5
PZU4.3BL
H8
PZU4.7B2L
K6
PZU4.7BL
H9
PZU5.1B2L
K7
PZU5.1BL
HA
PZU5.6B2L
K8
PZU5.6BL
HB
PZU6.2B2L
H1
PZU6.2BL
HC
PZU6.8B2L
K9
PZU6.8BL
HD
PZU7.5B2L
KA
PZU7.5BL
HE
PZU8.2B2L
KB
PZU8.2BL
HF
PZU9.1B2L
KC
PZU9.1BL
HG
PZU10B2L
KD
PZU10BL
HH
PZU11B2L
KE
PZU11BL
HK
PZU12B2L
KF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com