Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL41050 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IL41050
Description  Isolated High-Speed CAN Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL41050 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IL41050 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL41050 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL41050 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL41050 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL41050 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL41050 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL41050 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL41050 Datasheet HTML 9Page - List of Unclassifed Manufacturers IL41050 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IL41050
7
NVE Corporation
11409 Valley View Road
Eden Prairie, MN 55344-3617 USA
Telephone: (952) 829-9217
Fax (952) 829-9189
Internet: www.isoloop.com
Package Drawings, Dimensions and Specifications
0.15" 16-pin SOIC Package
0.054 (1.4)
0.072 (1.8)
0.040 (1.0)
0.060 (1.5)
0.016 (0.4)
0.050 (1.3)
0.386 (9.8)
0.394 (10.0)
Pin 1 identified
by either an
indent or a
marked dot
NOM
0.228 (5.8)
0.244 (6.2)
0.152 (3.86)
0.157 (3.99)
Dimensions in inches (mm)
0.007 (0.2)
0.013 (0.3)
0.004 (0.1)
0.012 (0.3)
0.040 (1.02)
0.050 (1.27)
0.013 (0.3)
0.020 (0.5)
Pin spacing is a BASIC
dimension; tolerances
do not accumulate
NOTE:
0.3" 16-pin SOIC Package
NOM
Pin 1 identified by
either an indent
or a marked dot
0.287 (7.29)
0.300 (7.62)
Dimensions in inches (mm)
0.08 (2.0)
0.10 (2.5)
0.092 (2.34)
0.105 (2.67)
0.397 (10.1)
0.413 (10.5)
0.013 (0.3)
0.020 (0.5)
0.394 (10.00)
0.419 (10.64)
0.040 (1.0)
0.060 (1.5)
0.004 (0.1)
0.012 (0.3)
0.007 (0.2)
0.013 (0.3)
0.016 (0.4)
0.050 (1.3)
Pin spacing is a BASIC
dimension; tolerances
do not accumulate
NOTE:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com