Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXRE1004CF Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXRE1004CF
Description  SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXRE1004CF Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXRE1004CF Datasheet HTML 1Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 2Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 3Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Reverse Current
30mA
Forward Current
10mA
Operating temperature.
-40 to 85°C
Storage temperature.
-55 to 125°C
Power Dissipation (Tamb=25°C)
SOT23
330mW
SO8
625mW
E-Line
500mW
2
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated) Tamb=25°C
SYMBOL
PARAMETER
CONDITIONS
LIMITS
TOL. %
UNITS
MIN
TYP
MAX
V
R
Reverse Breakdown Voltage
I
R=100A
1.214
1.208
1.196
1.183
1.22
1.22
1.22
1.22
1.226
1.232
1.244
1.257
0.5 ‡
1
2
3
V
I
MIN
Minimum Knee Current
4
8
A
I
R
Recommended Operating
Current Range
0.008
20
mA
T
C
†
Average Reverse Breakdown
Voltage Temperature
Coefficient
I
R(min) to IR(max)
20
75
ppm/°C
V
R
I
R
Reverse Breakdown Voltage
change with Current
I
R=8A
to 1mA
I
R=1mA to 20mA
1
10
mV
mV
Z
R
Reverse Dynamic Impedance
I
R =1mA
f =100Hz
I
AC=0.1 IR
0.2
0.6

E
N
Wideband Noise Voltage
I
R=8A to 100A
f=10Hz to 10kHz
60
V(rms)

0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Reverse Voltage (V)
Reverse Characteristics
0
2
4
6
8
10

-40°C
25°C
85°C
†
T
C 
V
R
max VR
 min  x 1000000
V
R x T
max Tmin 
Note: V
R(m ax ) - VR(min ) is the maximum
deviation in reference voltage
measured over the full operating
temperature range.
‡ Note: 0.5% SOT23 only
ZXRE1004
ISSUE 2 - JUNE 1999



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com