Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM552S Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # FSM552S
Description  5-PHASE STEPPING SYSTEMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSM552S Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button FSM552S Datasheet HTML 2Page - Sanyo Semicon Device FSM552S Datasheet HTML 3Page - Sanyo Semicon Device FSM552S Datasheet HTML 4Page - Sanyo Semicon Device FSM552S Datasheet HTML 5Page - Sanyo Semicon Device FSM552S Datasheet HTML 6Page - Sanyo Semicon Device FSM552S Datasheet HTML 7Page - Sanyo Semicon Device FSM552S Datasheet HTML 8Page - Sanyo Semicon Device FSM552S Datasheet HTML 9Page - Sanyo Semicon Device FSM552S Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
8
RS485
RS232C
Molded case
circuit breaker
Noise filter
Electromagnetic
contactor
Switches driver power
on/off. Use together
with a surge protector.
Filters out incoming
noise from power line.
Protects the power line.
Cuts off circuit in the
event of overcurrent.
Single
phase
AC100V
to
AC230V
(t)
(r)
● Encoder cable
E
● Motor connector
(bundled)
2
● AC power
connector
(bundled)
1
● AC power cable
(optional)
A
L +50 mm(+.16 feet)
●
D
Brake cable
L +50 mm(+.16 feet)
●
E
Cable for encoder use
● I/O Signal
Connector
(bundled)
3
● I/O signal cable
(optional)
C
● Brake connector
2
● Brake cable
D
63.5(2.52)
27(1.06)
B
3
57600
Term
2
F.Dup
Func
Parity
bps
Use
None
No.
1
toGND
Echo
to+5V
9
1
19200
9600
8
0
38400
A
2
3
6,7
4,5
307200
F
7
None
D
5
128000
115200
C
4
153600
E
6
8
DSW
RSW
RX TX
●
F
Part number for RS232C-RS485 converter :
232485CFP01-01
●
G
RS232 cable is supplied by user.
●
H
Partnumberfor FPcommunicationscable :
PM-C08S0100-05
●
J
Partnumberfor bundled software :
SFPA1W-01
(pleasedownloadfromwebsite)
●
F
Converter [unit : mm
(inch)]
● Cable
H
● Converter
F
●
G
● Software
J
L:m
(feet)
Part number
10
(32.81)
PM-C03B1000-01
5
(16.40)
PM-C03B0500-01
3
(9.84)
PM-C03B0300-01
1
(3.28)
PM-C03B0100-01
Leadwire
PVC cable
AWG22
(0.3mm2)
Housing
1-1318120-3
(AMP)
Contact
1318107-1
(AMP)
Leadwire
4-pair PVC shielded cable
AWG22
(0.3mm2)
Housing
1-1318118-6
(AMP)
Plug
1318107-1
(AMP)
L:m
(feet)
Part number
10
(32.81)
PM-C12S1000-01
5
(16.40)
PM-C12S0500-01
3
(9.84)
PM-C12S0300-01
1
(3.28)
PM-C12S0100-01
Host Devices
PLC and controllers are available as
the host device.
PLC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com