Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9984A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9984A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9984A Datasheet HTML 9Page - NXP Semiconductors TDA9984A Datasheet HTML 10Page - NXP Semiconductors TDA9984A Datasheet HTML 11Page - NXP Semiconductors TDA9984A Datasheet HTML 12Page - NXP Semiconductors TDA9984A Datasheet HTML 13Page - NXP Semiconductors TDA9984A Datasheet HTML 14Page - NXP Semiconductors TDA9984A Datasheet HTML 15Page - NXP Semiconductors TDA9984A Datasheet HTML 16Page - NXP Semiconductors TDA9984A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
TDA9984A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
13 of 40
NXP Semiconductors
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
8.1.2.3
YCbCr 4:2:2 ITU656-like external sync input (rising edge)
Table 8.
YCbCr 4 : 2 : 2 ITU656-like rising edge mapping
Register VIP_CNTRL_0 = 23h; VIP_CNTRL_1 = 50h; VIP_CNTRL_2 = 00h.
Video port A
Video port B
Control
Pin
YCbCr 4 :2:2 (ITU656-like)
Pin
YCbCr 4:2:2 (ITU656-like)
Pin
YCbCr 4 :2:2
VPA[0]
Cb[0]
Y0[0]
Cr[0]
Y1[0]
VPB[0]
Cb[4]
Y0[4]
Cr[4]
Y1[4]
HSYNC/HREF used
VPA[1]
Cb[1]
Y0[1]
Cr[1]
Y1[1]
VPB[1]
Cb[5]
Y0[5]
Cr[5]
Y1[5]
VSYNC/VREF
used
VPA[2]
Cb[2]
Y0[2]
Cr[2]
Y1[2]
VPB[2]
Cb[6]
Y0[6]
Cr[6]
Y1[6]
DE/FREF
used
VPA[3]
Cb[3]
Y0[3]
Cr[3]
Y1[3]
VPB[3]
Cb[7]
Y0[7]
Cr[7]
Y1[7]
VPA[4]
-
-
-
-
VPB[4]
Cb[8]
Y0[8]
Cr[8]
Y1[8]
VPA[5]
-
-
-
-
VPB[5]
Cb[9]
Y0[9]
Cr[9]
Y1[9]
VPA[6]
-
-
-
-
VPB[6]
Cb[10] Y0[10] Cr[10] Y1[10]
VPA[7]
-
-
-
-
VPB[7]
Cb[11] Y0[11] Cr[11] Y1[11]
Fig 6.
Pixel encoding YCbCr 4 : 2 : 2 ITU656-like external sync input (rising edge)
001aag383
Crxxx[11:0]
Yxxx[11:0]
...
Y1[11:0]
Cr0[11:0]
Y0[11:0]
Cb0[11:0]
HSYNC/HREF
VSYNC/VREF
DE/FREF
CONTROL
INPUTS
VPB[7:0]; VPA[3:0]
VCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com