Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM853D Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FSM853D
Description  5-PHASE STEPPING SYSTEMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSM853D Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FSM853D Datasheet HTML 1Page - Sanyo Semicon Device FSM853D Datasheet HTML 2Page - Sanyo Semicon Device FSM853D Datasheet HTML 3Page - Sanyo Semicon Device FSM853D Datasheet HTML 4Page - Sanyo Semicon Device FSM853D Datasheet HTML 5Page - Sanyo Semicon Device FSM853D Datasheet HTML 6Page - Sanyo Semicon Device FSM853D Datasheet HTML 7Page - Sanyo Semicon Device FSM853D Datasheet HTML 8Page - Sanyo Semicon Device FSM853D Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3
5-phase STEPPING SYSTEMS
F series DRIVER
F series MOTOR
M series MOTOR
Howdoyou want to controlthe equipment?
TheFseriesoffersthe choice of3different controlmethods
Control method
Point command
control using
PLC I/O
Network control
using serial
communication
(RS-485)
Control using a
pulse generator
AC power
source
DC power
source
AC input
with built-in positioning function
Startup via I/O :
Initiate program containing
speed, acceleration/deceleration,
and travel distance commands
stored in the driver via the I/O.
Startup via serial
communication:
Control by sending data for
speed, acceleration/deceleration,
and travel distance commands
via serial communication.
System configuration diagram
P7
Setpartnumbernomenclature
P9
Motor specifications
P47 to 58
General specifications
P25
・26, 60
Motor dimension drawing
P61 to 64
Driver dimension drawing
P65
AC input
standard type
Motion is generated by pulse
input commands from an
upper-level controller.
System configuration diagram
P5
Setpartnumbernomenclature
P9
Motorspecifications
P47to58
General specifications
P23
・24, 60
Motor dimension drawing P59to62
Driver dimension drawing
P63
DC input
Motion is generated by pulse
input commands from an
upper-level controller.
System configuration diagram P31
Setpartnumbernomenclature P32
Motorspecifications
P47to58
General specifications
P43
・44, 60
Motor dimension drawing
P59to62
Driver dimension drawing
P63



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com