Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6601CS2DDM6E Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM6601CS2DDM6E
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6601CS2DDM6E Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM6601CS2DDM6E Datasheet HTML 42Page - STMicroelectronics STM6601CS2DDM6E Datasheet HTML 43Page - STMicroelectronics STM6601CS2DDM6E Datasheet HTML 44Page - STMicroelectronics STM6601CS2DDM6E Datasheet HTML 45Page - STMicroelectronics STM6601CS2DDM6E Datasheet HTML 46Page - STMicroelectronics STM6601CS2DDM6E Datasheet HTML 47Page - STMicroelectronics STM6601CS2DDM6E Datasheet HTML 48Page - STMicroelectronics STM6601CS2DDM6E Datasheet HTML 49Page - STMicroelectronics STM6601CS2DDM6E Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Part numbering
STM6600 - STM6601
46/51
Doc ID 15453 Rev 7
9
Part numbering
Table 8.
STM6600 ordering information scheme
Example:
STM660
0
F
Q
2
4
DM
6
F
Device type
STM660
Startup process
0: PB must be held low until the PSHOLD confirmation
Input and output types(1)
A: active high EN output, long push asserts RST, pull-up on SR
E: active high EN output, long push asserts RST, no resistor on SR
F: active low EN output, long push asserts RST, no resistor on SR
G: active high EN output, long push deasserts EN, no resistor on SR
H: active low EN output, long push deasserts EN, no resistor on SR
VTH+ threshold voltage
(1)
A: 2.50 V
Q: 3.30 V
S: 3.40 V
U: 3.50 V
VHYST voltage hysteresis
(1)
2: 200 mV
5: 500 mV
tON_BLANK blanking period
(1)
2: 1.4 s (min.)
4: 5.6 s (min.)
5: 11.2 s (min.)
Package
DM: TDFN12
Temperature range
6: –40 °C to +85 °C
Shipping method
E: ECOPACK® package, tubes
F: ECOPACK® package, tape and reel
1.
Other options are offered. Minimum order quantities may apply. Please contact local ST sales office for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com