Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2591RGVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC2591RGVT
Description  2.4-GHz RF Front End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2591RGVT Datasheet(HTML) 5 Page - Texas Instruments

  CC2591RGVT Datasheet HTML 1Page - Texas Instruments CC2591RGVT Datasheet HTML 2Page - Texas Instruments CC2591RGVT Datasheet HTML 3Page - Texas Instruments CC2591RGVT Datasheet HTML 4Page - Texas Instruments CC2591RGVT Datasheet HTML 5Page - Texas Instruments CC2591RGVT Datasheet HTML 6Page - Texas Instruments CC2591RGVT Datasheet HTML 7Page - Texas Instruments CC2591RGVT Datasheet HTML 8Page - Texas Instruments CC2591RGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CC2591
www.ti.com ........................................................................................................................................................ SWRS070A – MARCH 2008 – REVISED JUNE 2008
Table 1. TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NO.
NAME
The exposed die attach pad must be connected to a solid ground plane. See
—
GND
Ground
CC2591EM reference design for recommended layout.
1
2.0 V – 3.6 V Power. PCB trace to this pin serves as inductive load to PA . See
AVDD_PA1
Power
CC2591EM reference design for recommended layout.
2
RF_N
RF
RF interface towards CC24xx or CC25xx device.
RXTX switching voltage when connected to CC24xx devices. See Table 3 and Table 4
3
RXTX
Analog/Control
for details.
4
RF_P
RF
RF interface towards CC24xx or CC25xx device
5
PAEN
Digital Input
Digital control pin. See Table 3 and Table 4 for details.
6
EN
Digital Input
Digital control pin. See Table 3 and Table 4 for details.
Digital control pin.
7
HGM
Digital Input
HGM=1
→ Device in High Gain Mode
HGM=0
→ Device in Low Gain Mode (RX only)
Secondary ground connections. Should be shorted to the die attach pad on the top
8, 9, 12, 14
GND
Ground
PCB layer.
2.0 V – 3.6 V Power. PCB trace to this pin serves as inductive load to PA. See
10
AVDD_PA2
Power
CC2591EM reference design for recommended layout.
11
ANT
RF
Antenna interface.
2 V – 3.6 V Power. PCB trace to this pin serves as inductive load to LNA. See
13
AVDD_LNA
Power
CC2591EM reference design for recommended layout.
15
BIAS
Analog
Biasing input. Resistor between this node and ground sets bias current to PAs.
16
AVDD_BIAS
Power
2 V – 3.6 V Power.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CC2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com