Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP112 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 13Page - Texas Instruments TMP112 Datasheet HTML 14Page - Texas Instruments TMP112 Datasheet HTML 15Page - Texas Instruments TMP112 Datasheet HTML 16Page - Texas Instruments TMP112 Datasheet HTML 17Page - Texas Instruments TMP112 Datasheet HTML 18Page - Texas Instruments TMP112 Datasheet HTML 19Page - Texas Instruments TMP112 Datasheet HTML 20Page - Texas Instruments TMP112 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
EXAMPLE 1: Finding Worst-Case Accuracy From –15°C to +50°C
Accuracy
=Accuracy
+ T
Slope1
D ´
MAX ( 15°Cto 25°C)
(
-
25°C)
MAX
(2)
Accuracy
=0.3 C+( 15 C
25 C)
°
-
MAX ( 15°Cto 25°C)
-
° -
°
-7
=+0.58°C
m°C
°C
(3)
Accuracy
=Accuracy
+ T
Slope2
D ´
MAX (25°Cto 50°C)
(25°C)
MAX
(4)
Accuracy
=0.3 C+(50 C
25 C)
°
´
MAX (25°Cto 50°C)
° -
°
5
=+0.425°C
m°C
°C
(5)
Accuracy
=Accuracy
+ T
Slope1
D ´
MIN( 15°Cto 25°C)
(
-
25°C)
MIN
(6)
Accuracy
= 0.5 C+( 15 C
25 C)
-
°
-
MIN( 15°Cto 25°C)
-
° -
°
0
= 0.5
-
°C
m°C
°C
(7)
Accuracy
=Accuracy
+ T
Slope2
D ´
MIN(25°Cto 50°C)
(25°C)
MIN
(8)
Accuracy
= 0.5 C+(50 C
25 C)
-
°
MIN(25°Cto 50°C)
° -
°
0
= 0.5
-
°C
m°C
°C
(9)
EXAMPLE 2: Finding Worst-Case Accuracy From +25°C to +100°C
Accuracy
=Accuracy
+ T
Slope2
D ´
MAX (25°Cto 100°C)
(
MAX
+ T
Slope3
D ´
25°C)
MAX
(10)
Accuracy
=0.3 C+(85 C
25 C)
°
MAX (25°Cto 100°C)
° -
°
4.5
m°C
°C
+(100 C
85 C)
° -
°
8
=+0.690°C
m°C
°C
(11)
Accuracy
=Accuracy
+ T
Slope2
D ´
MIN(25°Cto 100°C)
(
MIN
+ T
Slope3
D ´
25°C)
MIN
(12)
Accuracy
= 0.5 C+(85 C
25 C)
-
°
-
MIN(25°Cto 100°C)
°
°
0
m°C
°C
+(100 C
85 C)
° -
°
0
= 0.5
-
°C
m°C
°C
(13)
TMP112
www.ti.com ......................................................................................................................................................... SBOS473B – MARCH 2009 – REVISED JUNE 2009
As an example, if the user is concerned only about the temperature accuracy between –15°C to +50°C, the
worst-case accuracy could be determined by using the two slope calculations of Equation 2 and Equation 4:
The same calculations must be applied to the minimum case:
Based on the above calculations, a user can expect a worst-case accuracy of +0.58°C to –0.5°C in the
temperature range of –15°C to +50°C.
If the desired temperature range falls in the region of slope 3, it is necessary to first calculate the worst-case
value from +25°C to +85°C and add it to the change in temperature multiplied by the span error of slope 3. As an
example, consider the temperature range of +25°C to +125°C as shown in Equation 10:
Performing the same calculation for the minimum case is shown in Equation 12:
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com