Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16HT1 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # BAS16HT1
Description  SURFACE MOUNT SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAS16HT1 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BAS16HT1 Datasheet HTML 1Page - Zowie Technology Corporation BAS16HT1 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS16HT1
SURFACE MOUNT SWITCHING DIODE
Reverse Breakdown Voltage - 75 Volts
Peak Forward Current - 200mA
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
SYMBOLS
SYMBOLS
Zowie Technology Corporation
REV. : 0
SOD-323
*Dimensions in inches and (millimeters)
0.016(0.40)
0.010(0.25)
0.007(0.18)
0.004(0.09)
NOTE 3
0.004(0.10)
0.000(0.00)
0.006(0.150)
CATHODE
Device Marking : BAS16HT1 = A6
ANODE
0.039(1.00)
0.031(0.80)
REF.
0.053(1.35)
0.045(1.15)
0.063(1.60)
0.071(1.80)
0.106(2.70)
0.091(2.30)
1
1
1
2
2
2
0.033(0.83)
0.063(1.60)
0.112(2.85)
0.025(0.63)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. LEAD THICKNESS SPECIFIED PER L/F DRAWING WITH SOLDER PLATING.
MAXIMUM RATINGS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
THERMAL CHARACTERISTICS
CHARACTERISTIC
Total Device Dissipation FR-5 Board, TA=25
oC
Derate above 25
oC
Thermal Resistance Junction to Ambient
Junction and Storage Temperature
ELECTRICAL CHARACTERISTICS ( TA=25
o
C unless otherwise noted )
Reverse Voltage Leakage Current
Reverse Breakdown Voltage
Forward Voltage
Junction Capacitance
Forward Recovery Voltage
Reverse Recovery Time
Stored Charge
( VR=75Vdc )
( VR=75Vdc, TJ=150
oC )
( VR=25Vdc, TJ=150
oC )
( IBR=100uAdc )
( IF=1.0mAdc )
( IF=10mAdc )
( IF=50mAdc )
( IF=150mAdc )
( VR=0, f=1.0MHz )
( IF=10mAdc, tr=20nS )
( IF=IR=10mAdc, RL=50
)
( IF=10mAdc, to VR=5.0Vdc, RL=500
)
VR
IF
IFSM
PD
R JA
TJ, TSTG
IR
V( BR )
VF
CJ
VFR
trr
QS
VALUE
75
200
500
UNITS
UNITS
UNITS
Vdc
mAdc
mAdc
MAX.
200
1.57
635
150
mW
mW /
oC
oC / W
oC
MIN.
MAX.
-
-
-
1.0
50
30
uAdc
Vdc
75
-
-
-
-
-
0.72
0.86
1.00
1.25
Vdc
-
2.0
1.75
6.0
45
-
-
-
pF
Vdc
nS
pC
CHARACTERISTIC


Similar Part No. - BAS16HT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAS16HT1 LRC-BAS16HT1 Datasheet
51Kb / 2P
Switching Diode
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1 Datasheet
41Kb / 4P
Switching Diode
February, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BAS16HT1 ETL-BAS16HT1 Datasheet
82Kb / 2P
Switching Diode
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
BAS16HT1 ONSEMI-BAS16HT1 Datasheet
110Kb / 4P
Switching Diode
August, 2010 -- Rev. 5
More results

Similar Description - BAS16HT1

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com