Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG508AMY/PR Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG508AMY/PR
Description  Monolithic CMOS Analog Multiplexers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG508AMY/PR Datasheet(HTML) 7 Page - Maxim Integrated Products

  DG508AMY/PR Datasheet HTML 1Page - Maxim Integrated Products DG508AMY/PR Datasheet HTML 2Page - Maxim Integrated Products DG508AMY/PR Datasheet HTML 3Page - Maxim Integrated Products DG508AMY/PR Datasheet HTML 4Page - Maxim Integrated Products DG508AMY/PR Datasheet HTML 5Page - Maxim Integrated Products DG508AMY/PR Datasheet HTML 6Page - Maxim Integrated Products DG508AMY/PR Datasheet HTML 7Page - Maxim Integrated Products DG508AMY/PR Datasheet HTML 8Page - Maxim Integrated Products DG508AMY/PR Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Monolithic CMOS Analog Multiplexers
_______________________________________________________________________________________
7
DG508A
DG509A
EN
+5V
SWITCH
OUTPUT
VD
35pF
1k
Ω
ALL S
AND DA
DB, D
+2.4V
+15V
A0, A1, (A2)
GND
-15V
50
Ω
LOGIC
INPUT
V-
Figure 3. Break-Before-Make Test Circuit
topen
ttransition
ttransition
tOFF
(EN)
tON
(EN)
S8ON
3V
LOGIC INPUT
tr < 20ns
tf < 20ns
SWITCH
OUTPUT
VD
(SEE FIG. 1)
TRANSITION
TIME
SWITCH
OUTPUT
VD
(SEE FIG. 2)
TENABLE t(ON) t(OFF)
TIME
SWITCH
OUTPUT
VD
(SEE FIG. 3)
OPEN TIME
(B.B.M INTERVAL)
50%
0
VS1
VS8
0.8VS1
V0
VS
VS
50%
0V
0.9V0
0.1V0
0.8VS8
0
0
S1ON
Figure 4. Timing Diagram for Figures 1, 2, and 3
Table 1a. DG508A Truth Table
A2
A1
A0
EN
ON SWITCH
X
X
X
0
NONE
00
0
1
1
00
1
1
2
01
0
1
3
01
1
1
4
10
0
1
5
10
1
1
6
11
0
1
7
11
1
1
8
Table 1b. DG509A Truth Table
A1
A0
EN
ON SWITCH
X
X
0
NONE
0011
0112
1013
1114
X = Don’t care.
X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com