Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCF8A01 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCF8A01
Description  Notebook PC Applications Portable Equipment Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8A01 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCF8A01 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8A01 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8A01 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8A01 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8A01 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8A01 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8A01 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8A01 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8A01 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TPCF8A01
2007-01-16
2
Thermal Characteristics for MOSFET and SBD
Characteristics
Symbol
Max
Unit
Single-device operation
(Note 3a)
Rth (ch-a) (1)
92.6
Thermal resistance,
channel to ambient
(t
= 5 s)
(Note 2a) Single-device value at
dual operation (Note 3b)
Rth (ch-a) (2)
111.6
°C/W
Single-device operation
(Note 3a)
Rth (ch-a) (1)
235.8
Thermal resistance,
channel to ambient
(t
= 5 s)
(Note 2b) Single-device value at
dual operation (Note 3b)
Rth (ch-a) (2)
378.8
°C/W
This transistor is an electrostatic-sensitive device. Please handle with caution.
Schottky barrier diodes have large-reverse-current-leakage characteristic compared to other rectifier products. This
current leakage and improper operating temperature or voltage may cause thermal runaway. Please take forward
and reverse loss into consideration during design.
Marking (Note 7)
Note 1: Ensure that the channel temperature does not exceed 150℃.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: a) The power dissipation and thermal resistance values are shown for a single device
(During single-device operation, power is only applied to one device.).
b) The power dissipation and thermal resistance values are shown for a single device
(During dual operation, power is evenly applied to both devices.).
Note 4: VDD = 16 V, Tch = 25°C (initial), L = 0.5 mH, RG = 25 Ω, IAR = 1.5 A
Note 5: Repetitive rating: pulse width limited by maximum channel temperature
Note 6: Rectangular waveform (α=180
o), VR =15V.
Note 7: ●on the lower left of the marking indicates Pin 1.
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
(a)
25.4
Part No.
(or abbreviation code)
F7A
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Lot code (month)
Lot No.
Pin #1
Lot code
(year)
Product-specific code



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com