Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R02B Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48R02B
Description  Small Package 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R02B Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48R02B Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
Pin Assignment
Pin Description
HT46R01B/HT46R02B
Pin Name
Function
OPT
I/T
O/T
Description
PA0/AN0
PA0
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
AN0
ADCR
AN
¾
A/D channel 0
PA1/PFD/AN1
PA1
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
PFD
CTRL0
¾
CMOS PFD output
AN1
ADCR
AN
¾
A/D channel 1
PA2/TC0/AN2
PA2
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC0
¾
ST
¾
External Timer 0 clock input
AN2
ADCR
AN
¾
A/D channel 2
PA3/INT/AN3
PA3
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
INT
¾
ST
¾
External interrupt input
AN3
ADCR
AN
¾
A/D channel 3
PA4/TC1/PWM
PA4
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC1
¾
ST
¾
External Timer 1 clock input
PWM
CTRL0
¾
CMOS PWM output
PA5/OSC2
PA5
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
OSC2
CO
¾
OSC
Oscillator pin
HT46R01B/02B/01N/02N
HT48R01B/02B/01N/02N
Rev.1.10
3
February 12, 2010
H T 4 8 R 0 1 N / H T 4 8 R 0 2 N
1 6 N S O P - A
P A 3 / I N T
P A 2 / T C 0
P A 1 / P F D
P A 0
P B 0
V S S
N C
N C
P A 4 / T C 1
P A 5 / O S C 2
P A 6 / O S C 1
P A 7 / R E S
P B 1
V D D
N C
N C
H T 4 6 R 0 1 N / H T 4 6 R 0 2 N
1 6 N S O P - A
P A 3 / I N T / A N 3
P A 2 / T C 0 / A N 2
P A 1 / P F D / A N 1
P A 0 / A N 0
P B 0
V S S
N C
N C
P A 4 / T C 1 / P W M
P A 5 / O S C 2
P A 6 / O S C 1
P A 7 / R E S
P B 1
V D D
N C
N C
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
H T 4 8 R 0 1 B / H T 4 8 R 0 2 B
1 0 M S O P - A
P A 3 / I N T
P A 2 / T C 0
P A 1 / P F D
P A 0
V S S
P A 4 / T C 1
P A 5 / O S C 2
P A 6 / O S C 1
P A 7 / R E S
V D D
1 0
9
8
7
6
1
2
3
4
5
H T 4 6 R 0 1 B / H T 4 6 R 0 2 B
1 0 M S O P - A
P A 3 / I N T / A N 3
P A 2 / T C 0 / A N 2
P A 1 / P F D / A N 1
P A 0 / A N 0
V S S
P A 4 / T C 1 / P W M
P A 5 / O S C 2
P A 6 / O S C 1
P A 7 / R E S
V D D
1 0
9
8
7
6
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com