Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01M Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT46R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.10
20
March 8, 2010
Operating Modes
By using the LXT low frequency oscillator in combina-
tion with a high frequency oscillator, the system can be
selected to operate in a number of different modes.
These Modes are Normal, Slow and Sleep.
Mode Types and Selection
The higher frequency oscillators provide higher perfor-
mance but carry with it the disadvantage of higher
power requirements, while the opposite is of course true
for the lower frequency oscillators. With the capability of
dynamically switching between fast and slow oscillators,
the device has the flexibility to optimise the perfor-
mance/power ratio, a feature especially important in
power sensitive portable applications.
If the LXT oscillator is used then the internal RC oscilla-
tor, HIRC, must be used as the high frequency oscillator.
If the HXT or the ERC oscillator is chosen as the high
frequency system clock then the LXT oscillator cannot
be used for sharing the same pins. The CLKMOD bit in
the CTRL0 register can be used to switch the system
clock from the high speed HIRC oscillator to the low
speed LXT oscillator. When the HALT instruction is exe-
cuted and the device enters the Sleep Mode the LXT os-
cillator will always continue to run. For the device the
LXT crystal is connected to the OSC1/OSC2 pins and
LXT will always run.
Note that CLKMOD is only valid in HIRC+LXT oscillator
configuration.
When the system enters the Sleep Mode, the high fre-
quency system clock will always stop running. The ac-
companying tables shows the relationship between the
CLKMOD bit, the HALT instruction and the high/low fre-
quency oscillators. The CLMOD bit can change normal
or Slow Mode.
Operating
Mode
OSC1/OSC2 Configuration
HXT
ERC
HIRC
HIRC + LXT
HIRC
LXT
Normal
Run
Run
Run
Run
Run
Slow
¾¾¾
Stop
Run
Sleep
Stop
Stop
Stop
Stop
Run
²¾² unimplemented
Operating Mode Control
Mode Switching
The devices are switched between one mode and an-
other using a combination of the CLKMOD bit in the
CTRL0 register and the HALT instruction. The CLKMOD
bit chooses whether the system runs in either the Nor-
mal or Slow Mode by selecting the system clock to be
sourced from either a high or low frequency oscillator.
The HALT instruction forces the system into either the
Sleep Mode, depending upon whether the LXT oscilla-
tor is running or not. The HALT instruction operates in-
dependently of the CLKMOD bit condition.
When a HALT instruction is executed and the LXT oscil-
lator is not running, the system enters the Sleep mode
the following conditions exist:
· The system oscillator will stop running and the appli-
cation program will stop at the
²HALT² instruction.
· The Data Memory contents and registers will maintain
their present condition.
· The WDT will be cleared and resume counting if the
WDT clock source is selected to come from the WDT
or LXT oscillator. The WDT will stop if its clock source
originates from the system clock.
H X T
E R C
H I R C
M U X
C o n f i g u r a t i o n o p t i o n
L X T
M U X
( S L O W )
( N o r m a l )
L I R C
M U X
T o w a t c h d o g t i m e r
f H X T
f E R C
f H I R C
f L X T
f L I R C
f S Y S
f S Y S / 4
C L K M O D
( D e t e r m i n e N o r m a l /
S l o w M o d e )
C o n f i g u r a t i o n o p t i o n
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com