Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P20D Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT6P20D
Description  OTP Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P20D Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT6P20D Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+12V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2
¾
12
V
ISTB
Standby Current
12V
Oscillator stops
¾
12
mA
IDD
Operating Current
12V
No load, fOSC=3kHz
¾
200
400
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
RPH
D0~D3 Pull-high Resistance
12V
¾¾
150
300
k
W
IDOUT
Output Current
Source
5V
0.9VDD
-2
-5
¾
mA
12V
0.9VDD
-6.5
-15
¾
mA
Sink
5V
0.1VDD
25
¾
mA
12V
0.1VDD
615
¾
mA
fOSC
Oscillator Frequency
12V
ROSC=1.4M
W¾
3
¾
kHz
HT6P20X Series
Rev. 1.70
3
May 17, 2010
Functional Description
Normal Operation
The HT6P20X encodes and transmits address/data to a decoder upon receipt of a trigger signal. The transmission
function of the HT6P20B/D is enabled by the D0~D3 pins (active low). The following is the transmission timing of the
HT6P20X:
A complete code word of the HT6P20D consists of 3 periods as shown below.
E n c o d e r
D O U T
< 1 w o r d
D 0 ~ D 3
> 1 w o r d
Transmission Timing
a n t i - c o d e p e r i o d
( 4 b i t s )
p i l o t p e r i o d
( 2 3 c l o c k s )
a d d r e s s c o d e p e r i o d
d a t a c o d e p e r i o d
1 / 3 b i t
( A 0 ~ A 1 9 , 6 0 c l o c k s )
( D 3 ~ D 0 , 1 2 c l o c k s )
0
0
1
1
f o s c
D O U T
1 c l o c k
A Complete Code Word for the HT6P20D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com