Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R063 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT48R063
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT48R063 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
Pin Name
Function
OPT
I/T
O/T
Description
PC3/PWM1
PCn
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PWM1
CTRL1
¾
CMOS PWM output
PC4/XT2
PCn
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
XT2
CO
¾
LXT
Low frequency crystal pin
PC5/XT1
PCn
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
XT1
CO
¾
LXT
Low frequency crystal pin
PD0, PD1
PD3~PD7
PDn
PDPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PD2/TC2
PDn
PDPU
ST
CMOS General purpose I/O. Register enabled pull-up.
TC2
¾
ST
¾
External Timer 2 clock input - HT48R0662 doesn
¢t have TC2
PE0~PE7
PEn
PEPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PF0, PF1
PFn
PFPU
ST
CMOS General purpose I/O. Register enabled pull-up.
VDD
VDD
¾
PWR
¾
Power supply
VSS
VSS
¾
PWR
¾
Ground
Note:
I/T: Input type; O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option
ST: Schmitt Trigger input; CMOS: CMOS output
SCOM: Software controlled LCD COM
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................100mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT48R063/064/065/066/0662/067
Rev. 1.30
9
June 11, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com