Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56R67 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 45Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 46Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 47Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 48Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 49Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 50Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 51Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 52Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
49
March 4, 2010
The START bit in the register is used to start and reset
the A/D converter. When themicrocontroller sets this bit
from low to high and then low again, an analog to digital
conversion cycle will be initiated. When the START bit is
brought from low to high but not low again, the EOCB bit
in the ADCR register will be set to a
²1² and the analog
to digital converter will be reset. It is the START bit that is
used to control the overall on/off operation of the internal
analog to digital converter.
The EOCB bit in the ADCR register is used to indicate
when the analog to digital conversion process is com-
plete. This bit will be automatically set to
²0² by the
microcontroller after a conversion cycle has ended. In
addition, the corresponding A/D interrupt request flag
will be set in the interrupt control register, and if the inter-
rupts are enabled, an appropriate internal interrupt sig-
nal will be generated. This A/D internal interrupt signal
will direct the program flow to the associated A/D inter-
nal interrupt address for processing. If the A/D internal
interrupt is disabled, the microcontroller can be used to
poll the EOCB bit in the ADCR register to check whether
it has been cleared as an alternative method of detect-
ing the end of an A/D conversion cycle.
The clock source for the A/D converter, which originates
from the system clock fSYS, is first divided by a division
ratio, the value of which is determined by the ADCS2,
ADCS1 and ADCS0 bits in the ACSR register.
Controlling the on/off function of the A/D converter cir-
cuitry is implemented using the ADONB bit in the ACSR
register and the value of the PCR bits in the ADCR reg-
ister. Both the ADONB bit must cleared to
²0² and the
value of the PCR bits must have a non-zero value for the
A/D converter to be enabled.
PCR
ADONB
A/D
0
x
Off
>0
0
On
> 0
1
Off
Although the A/D clock source is determined by the sys-
tem clock fSYS, and by bits ADCS2, ADCS1 and ADCS0,
there are some limitations on the maximum A/D clock
source speed that can be selected. As the minimum value
of permissible A/D clock period, tAD,is0.5
ms, care must be
taken for system clock speeds in excess of 4MHz. For
system clock speeds in excess of 4MHz, the ADCS2,
ADCS1 and ADCS0 bits should not be set to
²000². Doing
so will give A/D clock periods that are less than the mini-
mum A/D clock period which may result in inaccurate A/D
conversion values. Refer to the following table for exam-
ples, where values marked with an asterisk * show where,
depending upon the device, special care must be taken,
as the values may be less than the specified minimum A/D
Clock Period.
b 7
b 0
S T A R T
P C R 2 P C R 1 P C R 0 A C S 2 A C S 1 A C S 0
E O C B
A D C R R e g i s t e r
S e l e c t A / D c h a n n e l
P o r t B A / D c h a n n e l c o n f i g u r a t i o n s
E n d o f A / D c o n v e r s i o n f l a g
1 : A / D c o n v e r s i o n w a i t i n g o r i n p r o g r e s s
0 : A / D c o n v e r s i o n e n d e d
S t a r t t h e A / D c o n v e r s i o n
0 ® 1 ® 0 : S t a r t
0 ® 1 : R e s e t A / D c o n v e r t e r a n d s e t E O C B t o " 1 "
A C S 2
0
0
0
0
1
1
1
1
A C S 1
0
0
1
1
0
0
1
1
A C S 0
0
1
0
1
0
1
0
1
A N 0
A N 1
A N 2
A N 3
A N 4
A N 5
A N 6
A N 7
P C R 2
0
0
0
0
1
1
1
1
P C R 1
0
0
1
1
0
0
1
1
P C R 0
0
1
0
1
0
1
0
1
P o r t B A / D c h a n n e l s - a l l o f f
P B 0 e n a b l e d a s A N 0
P B 0 ~ P B 1 e n a b l e d a s A N 0 ~ A N 1
P B 0 ~ P B 2 e n a b l e d a s A N 0 ~ A N 2
P B 0 ~ P B 3 e n a b l e d a s A N 0 ~ A N 3
P B 0 ~ P B 4 e n a b l e d a s A N 0 ~ A N 4
P B 0 ~ P B 5 e n a b l e d a s A N 0 ~ A N 5
P B 0 ~ P B 7 e n a b l e d a s A N 0 ~ A N 7
A/D Converter Control Register
- ADCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com