Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56C668 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT56C668
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56C668 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT56C668 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56C668 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56C668 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56C668 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56C668 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56C668 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56C668 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56C668 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56C668 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
Selection Table
Most features are common to all devices, the main feature distinguishing them are Program Memory capacity, I/O count,
stack capacity and package types. The following table summarises the main features of each device.
Part No.
VDD
Program
Memory
Data
Memory
I/O
LCD
Timer
A/D
PWM
Stack
Package
8-bit 16-bit
HT56R67
2.2V~
5.5V
32K
´16
2304
´8
32
48
´4
or
49
´3
31
12-bit
´8 12-bit´4
12
52QFP,
64LQFP,
100QFP
HT56R668
HT56C668
2.2V~
5.5V
16K
´16
2304
´8
24
64
´16
or
72
´8
31
12-bit
´8 12-bit´4
12
100QFP,
128QFP
HT56R678
HT56C678
32K
´16
HT56R688*
48K
´16
* Under development, available in 3Q, 2010
Note:
1. Part numbers including a
²C² are mask version devices while ²R² are OTP decives.
2. For devices that exist in more than one package formats, the table reflects the situation for the larger
package.
Block Diagram
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
2
March 4, 2010
O T P
P r o g r a m m i n g
C i r c u i t r y
W a t c h d o g
T i m e r
W a t c h d o g
T i m e r O s c i l l a t o r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
E x t e r n a l
R C / C r y s t a l
O s c i l l a t o r
A / D
C o n v e r t e r
P r o g r a m m a b l e
F r e q u e n c y
G e n e r a t o r
P W M
G e n e r a t o r
E x t e r n a l R T C
O s c i l l a t o r
I n t e r n a l R C
O s c i l l a t o r
I / O
P o r t s
R A M
D a t a
M e m o r y
O T P
P r o g r a m
M e m o r y
S t a c k
L C D / L E D
D r i v e r
I 2 C / S P I
T i m e r s
L o w
V o l t a g e
R e s e t
L o w
V o l t a g e
D e t e c t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com