Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75R Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT82K75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75R Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT82K75R Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
Configuration Options
No.
Options
1
PA0~7 Pull-high by bit: Pull-high or non-pull-high
2
PA wake-up by bit, :Wake-up or non-wake-up
3
PB Pull-high by nibble : Pull-high or non-pull-high
4
PC Pull-high by nibble : Pull-high or non-pull-high
5
SPI_WCOL enable/disable (default)
6
Output slew enable 100ns or 200ns
7
TBHP function (enable /disable)
8
DC_DC output option:2.8V,3.0V,3.3V
9
LVR enable/disable (default disable)
10
WDT clock source : enable, disable for normal mode
11
PB wake-up by bit, Wake-up or non-wake-up
12
PC wake-up by bit, Wake-up or non-wake-up
13
PC output type CMOS/NMOS
14
PB0 output type CMOS/NMOS
15
PD pull-high by nibble: pull-high or non-pull-high (*)
16
PE pull-high by nibble: pull-high or non-pull-high (*)
17
PD wake-up by nibble: wake-up or non-wake-up (*)
18
PE wake-up by nibble: wake-up or non-wake-up (*)
Note: For HT82K75R, there are additional configuration options as the asterisk marks shown.
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.10
37
June 11, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com