Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F10P Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT83F10P
Description  Flash Type Voice OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10P Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT83F10P Datasheet HTML 28Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 29Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 30Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 31Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 32Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 33Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 34Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 35Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
HT83FXX
Rev. 1.30
32
June 7, 2010
· SRW Bit
The SRW bit in the SIMC1 register defines whether
the microcontroller slave device wishes to read data
from the I
2C bus or write data to the I2C bus. The
microcontroller should examine this bit to determine if
it is to be a transmitter or a receiver. If the SRW bit is
set to
²1² then this indicates that the master wishes to
read data from the I
2 C bus, therefore the
microcontroller slave device must be setup to send
data to the I
2C bus as a transmitter. If the SRW bit is
²0² then this indicates that the master wishes to send
data to the I
2C bus, therefore the microcontroller slave
device must be setup to read data from the I
2C bus as
a receiver.
· Acknowledge Bit
After the master has transmitted a calling address,
any slave device on the I
2C bus, whose own internal
address matches the calling address, must generate
an acknowledge signal. This acknowledge signal will
inform the master that a slave device has accepted its
calling address. If no acknowledge signal is received
by the master then a STOP signal must be transmitted
by the master to end the communication. When the
HAAS bit is high, the addresses have matched and
the microcontroller slave device must check the SRW
bit to determine if it is to be a transmitter or a receiver.
If the SRW bit is high, the microcontroller slave device
should be setup to be a transmitter so the HTX bit in
the SIMC1 register should be set to
²1² if the SRW bit
is low then the microcontroller slave device should be
setup as a receiver and the HTX bit in the SIMC1 reg-
ister should be set to
²0².
· Data Byte
The transmitted data is 8-bits wide and is transmitted
after the slave device has acknowledged receipt of its
slave address. The order of serial bit transmission is
the MSB first and the LSB last. After receipt of 8-bits of
data, the receiver must transmit an acknowledge sig-
nal, level
²0², before it can receive the next data byte.
If the transmitter does not receive an acknowledge bit
signal from the receiver, then it will release the SDA
line and the master will send out a STOP signal to re-
lease control of the I
2C bus. The corresponding data
will be stored in the SIMDR register. If setup as a
transmitter, the microcontroller slave device must first
write the data to be transmitted into the SIMDR regis-
ter. If setup as a receiver, the microcontroller slave de-
vice must read the transmitted data from the SIMDR
register.
· Receive Acknowledge Bit
When the receiver wishes to continue to receive the
next data byte, it must generate an acknowledge bit,
known as TXAK, on the 9th clock. The microcontroller
slave device, which is setup as a transmitter will check
the RXAK bit in the SIMC1 register to determine if it is
to send another data byte, if not then it will release the
SDA line and await the receipt of a STOP signal from
the master.
D a t a
1
0
1
0
0
1
0
0
1
0
0
1
0
1
0
1
1
S = S t a r t ( 1 b i t )
S A = S l a v e A d d r e s s ( 7 b i t s )
S R = S R W b i t ( 1 b i t )
M = S l a v e d e v i c e s e n d a c k n o w l e d g e b i t ( 1 b i t )
D = D a t a ( 8 b i t s )
A = A C K ( R X A K b i t f o r t r a n s m i t t e r , T X A K b i t f o r r e c e i v e r 1 b i t )
P = S t o p ( 1 b i t )
S C L
S t a r t
S D A
S R W
A C K
A C K
S t o p
S C L
S D A
S l a v e A d d r e s s
S
S A
S R
M
D
A
D
A
S
S A
S R
M
D
A
D
A
P
I
2C Communication Timing Diagram
S C L
S D A
S t a r t b i t
D a t a
s t a b l e
D a t a
a l l o w
c h a n g e
S t o p b i t
Data Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com