Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B03 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT86B03
Description  Enhanced Voice 8-Bit MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B03 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT86B03 Datasheet HTML 75Page - Holtek Semiconductor Inc HT86B03 Datasheet HTML 76Page - Holtek Semiconductor Inc HT86B03 Datasheet HTML 77Page - Holtek Semiconductor Inc HT86B03 Datasheet HTML 78Page - Holtek Semiconductor Inc HT86B03 Datasheet HTML 79Page - Holtek Semiconductor Inc HT86B03 Datasheet HTML 80Page - Holtek Semiconductor Inc HT86B03 Datasheet HTML 81Page - Holtek Semiconductor Inc HT86B03 Datasheet HTML 82Page - Holtek Semiconductor Inc HT86B03 Datasheet HTML 83Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 80 / 83 page
background image
100-pin QFP (14mm
´20mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.728
¾
0.756
B
0.547
¾
0.555
C
0.965
¾
0.992
D
0.783
¾
0.791
E
¾
0.026
¾
F
¾
0.012
¾
G
0.098
¾
0.122
H
¾¾
0.134
I
¾
0.004
¾
J
0.039
¾
0.055
K
0.004
¾
0.008
a
0
°¾
7
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
18.50
¾
19.20
B
13.90
¾
14.10
C
24.50
¾
25.20
D
19.90
¾
20.10
E
¾
0.65
¾
F
¾
0.30
¾
G
2.50
¾
3.10
H
¾¾
3.40
I
¾
0.1
¾
J
1.00
¾
1.40
K
0.10
¾
0.20
a
0
°¾
7
°
HT86BXX/HT86BRXX
Rev. 1.80
80
March 12, 2010
1 0 0
8 1
8 0
5 1
5 0
3 1
3 0
1
A
B
C
D
E
F
G
H
I
J
K
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com