Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F60 Datasheet(PDF) 61 Page - Holtek Semiconductor Inc

Part # HT83F60
Description  Flash Type Voice OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F60 Datasheet(HTML) 61 Page - Holtek Semiconductor Inc

Back Button HT83F60 Datasheet HTML 54Page - Holtek Semiconductor Inc HT83F60 Datasheet HTML 55Page - Holtek Semiconductor Inc HT83F60 Datasheet HTML 56Page - Holtek Semiconductor Inc HT83F60 Datasheet HTML 57Page - Holtek Semiconductor Inc HT83F60 Datasheet HTML 58Page - Holtek Semiconductor Inc HT83F60 Datasheet HTML 59Page - Holtek Semiconductor Inc HT83F60 Datasheet HTML 60Page - Holtek Semiconductor Inc HT83F60 Datasheet HTML 61Page - Holtek Semiconductor Inc HT83F60 Datasheet HTML 62Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
44-pin QFP (10mm
´10mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.512
¾
0.528
B
0.390
¾
0.398
C
0.512
¾
0.528
D
0.390
¾
0.398
E
¾
0.031
¾
F
¾
0.012
¾
G
0.075
¾
0.087
H
¾¾
0.106
I
0.010
¾
0.020
J
0.029
¾
0.037
K
0.004
¾
0.008
L
¾
0.004
¾
a
0
°¾
7
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
13.00
¾
13.40
B
9.90
¾
10.10
C
13.00
¾
13.40
D
9.90
¾
10.10
E
¾
0.80
¾
F
¾
0.30
¾
G
1.90
¾
2.20
H
¾¾
2.70
I
0.25
¾
0.50
J
0.73
¾
0.93
K
0.10
¾
0.20
L
¾
0.10
¾
a
0
°¾
7
°
HT83FXX
Rev. 1.30
61
June 7, 2010
3 4
1 1
1
4 4
A
B
2 2
1 2
E
F
G
H
I
J
K
a
3 3
2 3
C
D
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com