Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R44 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT95R44
Description  I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R44 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT95R44 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R44 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT95R44/HT95R43
I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
Rev. 1.00
1
March 31, 2010
Features
MCU Features
· MCU operating voltage without CPT Detector
fSYS= 3.58MHz@ 2.2V~5.5V
· Program Memory: 4K´16~8K´16
· RAM Data Memory: 1152´8 ~ 2112´8
· 26 bidirectional I/Os with pull-high options
· 2 NMOS output-only lines
· 4 external interrupt input pins
· Dual 16-bit timers with interrupts
· Timer external input
· 8-level stack
· 32768Hz system oscillator
· 32768Hz to 3.58MHz frequency-up circuit
· Real time clock function
· Watchdog timer function
· PFD driver output
· DTMF generator
· DTMF receiver
· Power-down and wake-up feature for power-saving
operation
· Multiple Operating Modes: Idle mode, Sleep mode,
Green mode and normal mode
· Up to 1.117ms instruction cycle with 3.58MHz sys-
tem clock at VDD=2.2V~5.5V
· Bit manipulation instructions
· Table read function
· 63 powerful instructions
· All instructions executed in 1 or 2 machine cycles
· Low voltage reset function
· Supported by comprehensive suite of hardware and
software tools
· 64-pin LQFP package
CPT Detector Features
· Operating voltage: 2.5V~5.5V
· Low power consumption
· CPT Band: 305~640Hz detection
· Good performance:
· -8 ~ -39 dBm at VDD=2.5V
· 0 ~ -27 dBm at VDD=5V
General Description
These phone MCUs are a series of 8-bit high perfor-
mance, RISC architecture microcontroller devices spe-
cially designed for telephone applications. Device
flexibility is enhanced with their internal special features
such as power-down and wake-up functions, DTMF
generator, DTMF receiver, CPT detector, PFD driver,
etc. These features combine to ensure applications re-
quire a minimum of external components and therefore
reduce overall product costs.
Having the advantages of low-power consumption,
high-performance, I/O flexibility as well as low-cost,
these devices have the versatility to suit a wide range of
application possibilities such as DTMF mode Caller ID
phone, Home Security products, deluxe feature phones,
cordless phones, fax and answering machines, etc.
The call progress tone detector is for Auto-dialing sys-
tem use. Switched capacitor technology is implemented
into the devices to obtain good band pass filter perfor-
mance characteristics for 305Hz to 640Hz call progress
tones which are dual tone multi-frequency signals.
When a CPT signal is detected it generates relative en-
velopes for the microcontroller to determine whether to
finish different kinds of CPT signal detections such as
dial tones, busy tones, ring-back tones and reorder
tones.
These devices will be ideally suited for phone products
that comply with versatile dialer specification require-
ments for different areas or countries. These devices are
fully supported by the Holtek range of fully functional de-
velopment and programming tools, providing a means for
fast and efficient product development cycles.


Similar Part No. - HT95R44

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95R44 HOLTEK-HT95R44_11 Datasheet
99Kb / 8P
I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
More results

Similar Description - HT95R44

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
I/O Type Phone 8-Bit MCU
May 26, 2004
HT95R23 HOLTEK-HT95R23 Datasheet
442Kb / 53P
I/O Type Phone 8-bit MCU
March 25, 2008
HT95R33 HOLTEK-HT95R33 Datasheet
417Kb / 59P
I/O Type Phone 8-bit MCU with DTMF Receiver
February 18, 2009
HT95R35 HOLTEK-HT95R35 Datasheet
555Kb / 73P
Phone 8-Bit MCU with DTMF Receiver
October 7, 2009
HT95R64 HOLTEK-HT95R64 Datasheet
546Kb / 82P
CID Phone 8-Bit MCU with CPT
HT95R45 HOLTEK-HT95R45 Datasheet
497Kb / 76P
Phone 8-Bit MCU with DTMF Receiver & CPT
HT95R22 HOLTEK-HT95R22 Datasheet
374Kb / 52P
I/O Type Phone 8-bit MCU
HT95R34 HOLTEK-HT95R34 Datasheet
415Kb / 59P
I/O Type Phone 8-bit MCU with DTMF Receiver
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
I/O Type 8-Bit MCU
HT95R44 HOLTEK-HT95R44_11 Datasheet
99Kb / 8P
I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com