Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R45 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT95R45
Description  Phone 8-Bit MCU with DTMF Receiver & CPT
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R45 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT95R45 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
Pad Name
I/O
Options
Description
VREF
O
¾
Reference voltage output, normally VDD/2
CPTENV
O
While an input signal for CPT detector is within specification, this pin will
output the envelope relative to the input signal with a typical 40ms timing
delay.
CPTVREF
I
1/2 VDD reference voltage output pin for CPT detector.
When CPTENB = VDD, the device will be turned off and CPTVREF dis-
abled.
CPTSIN
I
AC coupled analog signal input pin for CPT detector.
CPTENB
I
CPT detector enable control pin.
CPTENB = VSS: normal operation mode.
CPTENB = VDD: disabled mode.
CPTX1
CPTX2
I
O
CPTX1 and CPTX2 are connected to an external 32768Hz crystal or res-
onator for the CPT detector clock source.
The oscillator is turned off in the CPT detector disabled mode.
X1
X2
I
O
¾
X1 and X2 are connected to an external 32768Hz crystal or resonator for
the system clock.
XC
¾¾
External low pass filter pin used for the frequency up conversion circuit.
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground.
VDD2
¾¾
DTMF receiver positive power supply
VSS2
¾¾
DTMF receiver negative power supply
VDD4
¾¾
Positive power supply for CPT detector
VSS4
¾¾
Negative power supply for CPT detector
Note:
Each pin on PA can be programmed through a configuration option to have a wake-up function.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT95R45
Rev. 1.00
4
March 12, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com